Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1008 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS6C1008
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1008 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS6C1008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 14Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
32 pin 8mm x 20mm TSOP-I Package Outline Dimension
UNIT
SYM.
INCH(BASE)
MM(REF)
A
0.047 (MAX)
1.20 (MAX)
A1
0.004 ±0.002 0.10 ±0.05
A2
0.039 ±0.002 1.00 ±0.05
b
0.008 + 0.002
- 0.001
0.20 + 0.05
-0.03
c
0.005 (TYP)
0.127 (TYP)
D
0.724 ±0.004 18.40 ±0.10
E
0.315 ±0.004 8.00 ±0.10
e
0.020 (TYP)
0.50 (TYP)
HD
0.787 ±0.008 20.00 ±0.20
L
0.0197 ±0.004 0.50 ±0.10
L1
0.0315 ±0.004 0.08 ±0.10
y
0.003 (MAX)
0.076 (MAX)
Θ
0o~5o
0o~5o
®
February 2007
128K X 8 BIT LOW POWER CMOS SRAM
AS6C1008
02/February/07, v 1.0
Alliance Memory Inc.
Page 10 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com