Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1008 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6C1008
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1008 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6C1008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
Access time :55ns
Low power consumption:
Operating current:10 mA (TYP.)
Standby current: 1 µA (TYP.)
Fully Compatible with all Competitors 3.3V product
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
All products are ROHS Compliant
Package : 32-pin 450 mil SOP
32-pin 600 mil P-DIP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm sTSOP
36-ball 6mm x 8mm TFBGA
GENERALDESCRIPTION
The AS6C1008 is a 1,048,576-bit low power
CMOS static random access memory organized as
131,072 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The AS6C1008 is well designed for very low power
system applications, and particularly well suited for
battery back-up non-volatile memory application.
The AS6C1008 operates from a single power supply
of 2.7V ~ 5.5V.
.
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
128Kx8
MEMORY ARRAY
COLUMN I/O
A0-A16
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A16
Address Inputs
DQ0 – DQ7
Da ta Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Pow er Supply
VSS
G round
NC
No C onnection
®
Single 2.7V ~ 5.5V power supply
Fully Compatible with all Competitors 5V product
February 2007
128K X 8 BIT LOW POWER CMOS SRAM
AS6C1008
02/February/07, v 1.0
Alliance Memory Inc.
Page 1 of 14


Similar Part No. - AS6C1008

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
AS6C1008-55SINL ALSC-AS6C1008-55SINL Datasheet
1Mb / 15P
128k x 8 BIT SUPER LOW POWER CMOS SRAM
AS6C1008-55STINL ALSC-AS6C1008-55STINL Datasheet
1Mb / 15P
128k x 8 BIT SUPER LOW POWER CMOS SRAM
AS6C1008-55TINL ALSC-AS6C1008-55TINL Datasheet
1Mb / 15P
128k x 8 BIT SUPER LOW POWER CMOS SRAM
AS6C1008L ALSC-AS6C1008L Datasheet
1Mb / 15P
128k x 8 BIT SUPER LOW POWER CMOS SRAM
More results

Similar Description - AS6C1008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
128K X 8 BIT LOW POWER CMOS SRAM
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com