Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C513C Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C513C
Description  5 V 32K X 16 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C513C Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C513C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2006
Advance Information
Copyright © Alliance Memory. All rights reserved.
AS7C513C
5 V 32K X 16 CMOS SRAM
12/5/06, v 1.0
Alliance Memory
P. 1 of 9
®
Features
• Industrial (-40o to 85oC) temperature
• Organization: 32,768 words × 16 bits
• Center power and ground pins for low noise
• High speed
- 12 ns address access time
- 6 ns output enable access time
• Low power consumption via chip deselect
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• Upper and Lower byte pin
• JEDEC standard packaging
- 44-pin 400 mil SOJ
- 44-pin TSOP 2
• ESD protection
≥ 2000 volts
Logic block diagram
32,768 x 16
Array
OE
CE
WE
Address decoder
A0
A1
A2
A3
A4
A5
A7
VCC
GND
Control circuit
I/O0–I/O7
I/O8–I/O15
UB
LB
I/O
buffer
A6
Pin arrangement
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
I/O13
I/O12
GND
VCC
I/O11
I/O10
I/O9
I/O8
NC
A7
A8
A9
A10
NC
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
GND
I/O4
I/O5
I/O6
I/O7
WE
A14
A13
A12
44-Pin SOJ (400 mil), TSOP 2
21
22
A11
NC
UB
LB
I/O15
I/O14
2
A3
3
A2
4
A1
1
NC
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A5
A6
OE
A4


Similar Part No. - AS7C513C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12 ALSC-AS7C513-12 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12JC ALSC-AS7C513-12JC Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12TC ALSC-AS7C513-12TC Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513-15 ALSC-AS7C513-15 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
More results

Similar Description - AS7C513C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
32K x 8-BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
5V 32K x 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
5 V 64K X 16 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
3.3V 32K x 16 CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
5 V 64K X 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
3.3 V 32K X 16 CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com