Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1024C Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C1024C
Description  5V 128K X 8 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024C Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C1024C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AS7C1024C
12/5/06, v. 1.0
Alliance Memory
P. 2 of 9
®
Functional description
The AS7C1024C is a 5V high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) device organized
as 131,072 words x 8 bits. It is designed for memory applications where fast data access, low power, and simple interfacing
are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 12 ns with output enable access times (tOE) of 6 ns are ideal for high
performance applications. Active high and low chip enables (CE1, CE2) permit easy memory expansion with multiple-bank
systems.
When CE1 is high or CE2 is low, the devices enter standby mode. If inputs are still toggling, the device will consume ISB
power. If the bus is static, then full standby power is reached (ISB1).
A write cycle is accomplished by asserting write enable (WE) and both chip enables (CE1, CE2). Data on the input pins I/O0
through I/O7 is written on the rising edge of WE (write cycle 1) or the active-to-inactive edge of CE1 or CE2 (write cycle 2).
To avoid bus contention, external devices should drive I/O pins only after outputs have been disabled with output enable (OE)
or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and both chip enables (CE1, CE2), with write enable (WE) high.
The chips drive I/O pins with the data word referenced by the input address. When either chip enable is inactive, output enable
is inactive, or write enable is active, output drivers stay in high-impedance mode.
Note:
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
Key: X = don’t care, L = low, H = high.
Absolute maximum ratings
Parameter
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
Vt1
–0.50
+7.0
V
Voltage on any pin relative to GND
Vt2
–0.50
VCC +0.50
V
Power dissipation
PD
–1.25
W
Storage temperature (plastic)
Tstg
–55
+125
°C
Ambient temperature with VCC applied
Tbias
–55
+125
°C
DC current into outputs (low)
IOUT
–50
mA
Truth table
CE1
CE2
WE
OE
Data
Mode
H
X
X
X
High Z
Standby (ISB, ISB1)
X
L
X
X
High Z
Standby (ISB, ISB1)
L
H
H
H
High Z
Output disable (ICC)
LH
H
L
DOUT
Read (ICC)
LH
L
X
DIN
Write (ICC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com