Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1024C Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C1024C
Description  5V 128K X 8 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024C Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C1024C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024C Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2006
Advance Information
Copyright © Alliance Memory All rights reserved.
AS7C1024C
5V 128K X 8 CMOS SRAM
12/5/06, v. 1.0
Alliance Memory
P. 1 of 9
®
Features
• Industrial (-40o to 85oC) temperature
• Organization: 131,072 x 8 bits
• High speed
- 12 ns address access time
- 6 ns output enable access time
• Low power consumption via chip deselect
• Easy memory expansion with CE1, CE2, OE inputs
• TTL/LVTTL-compatible, three-state I/O
• 32-pin JEDEC standard packages
-300 mil SOJ
-400 mil SOJ
• ESD protection
≥ 2000 volts
Logic block diagram
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
32-pin SOJ (300 mil)
32-pin SOJ (400 mil)
131,702 x 8
Array
(1,048,576)
Input buffer
I/O0
I/O7
OE
CE1
WE
Address decoder
Control
circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
CE2


Similar Part No. - AS7C1024C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C1024C

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
128K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
5V 128K X 8 CMOS SRAM
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com