Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICOGLF4KW Datasheet(PDF) 21 Page - Aims Power

Part # PICOGLF4KW
Description  Global LF Series Pure Sine Wave Inverter Charger
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power

PICOGLF4KW Datasheet(HTML) 21 Page - Aims Power

Back Button PICOGLF4KW Datasheet HTML 17Page - Aims Power PICOGLF4KW Datasheet HTML 18Page - Aims Power PICOGLF4KW Datasheet HTML 19Page - Aims Power PICOGLF4KW Datasheet HTML 20Page - Aims Power PICOGLF4KW Datasheet HTML 21Page - Aims Power PICOGLF4KW Datasheet HTML 22Page - Aims Power PICOGLF4KW Datasheet HTML 23Page - Aims Power PICOGLF4KW Datasheet HTML 24Page - Aims Power PICOGLF4KW Datasheet HTML 25Page - Aims Power Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
- 20-
3.3 AC Wiring
We recommend using 10 to 8 AWG wire to connect to the ac terminal block.
When in AC mode the AC input power will supply both the loads and AC charger, a thicker wire gauge for
AC Input is required. Consult a qualified electrician about the specific wire gauge required in terms of wire
material and inverter power.
There are 3 different ways of connecting to the terminal block depending on the model. All the wirings are
CE compliant, call our tech support if you are not sure about how to wire any part of your inverter.
Single-Phase Wiring Mode
230Vac or 120Vac
Input: Hot line+Neutral+Ground
Output: Hot line+Neutral+Ground
Dual-Phase Wiring Mode
240Vac split phase
Input: Hot line+ Hot line +Ground
Output: Hot line+ Hot line +Neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com