Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICOGLF4KW Datasheet(PDF) 13 Page - Aims Power

Part # PICOGLF4KW
Description  Global LF Series Pure Sine Wave Inverter Charger
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power

PICOGLF4KW Datasheet(HTML) 13 Page - Aims Power

Back Button PICOGLF4KW Datasheet HTML 9Page - Aims Power PICOGLF4KW Datasheet HTML 10Page - Aims Power PICOGLF4KW Datasheet HTML 11Page - Aims Power PICOGLF4KW Datasheet HTML 12Page - Aims Power PICOGLF4KW Datasheet HTML 13Page - Aims Power PICOGLF4KW Datasheet HTML 14Page - Aims Power PICOGLF4KW Datasheet HTML 15Page - Aims Power PICOGLF4KW Datasheet HTML 16Page - Aims Power PICOGLF4KW Datasheet HTML 17Page - Aims Power Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
- 12-
PICOGLF6024120ULC
90W
25W
PICOGLF6024240SULC
90W
25W
When in the search sense mode, the green power LED will blink, and the inverter will make a ticking sound.
At full output voltage, the green power LED will light steadily, and the inverter will make a steady humming
sound. When the inverter is used as an “uninterruptible” power supply the search sense mode or “Power
Saver On” function should be defeated.
Exceptions
Some devices when scanned by the load sensor cannot be detected. Small fluorescent lights or inductive
loads are the most common example. (Try altering the plug polarity by turning the plug over.) Some
computers and sophisticated electronics have power supplies that do not present a load until line voltage is
available. When this occurs, each unit waits for the other to begin. To drive these loads either a small
companion load must be used to bring the inverter out of its search mode, or the inverter may be
programmed to remain at full output voltage (Power On mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com