Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS635 Datasheet(PDF) 2 Page - ITT Industries

Part # PTS635
Description  3,5 mm Tact Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS635 Datasheet(HTML) 2 Page - ITT Industries

  PTS635 Datasheet HTML 1Page - ITT Industries PTS635 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PTS635 Series
3,5 mm Tact Switches
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-56
B
OPTION
HEIGHT “H” or
CODE
LENGTH “L”
TERMINATION
SCHEMATIC
43
4,3 (.169)
Thru-hole
50
5,0 (.197)
Thru-hole
31
3,15 (.124)
Vertical
39
3,85 (.151)
Vertical
2,5
(.098)
ø1,0 2x
(.039)
5,0
(.197)
7,0
(.276)
ø1,3 2x
(.051)
SERIES
TERMINATION
7,9
(.311)
1,0 2x
(.039)
3,5 2x
(.138)
6,5
(.256)
7,9
(.311)
1,0 2x
(.039)
1,5
(.059)
3,5 2x
(.138)
"H"
3,5
(.138)
6,0
(.236)
3,5
(.138)
3,0
(.118)
6,5
(.256)
0,6 MAX.
(.025) 2x
6,5
(.256)
ø1,3 TYP.
(.051)
PCB LAYOUT
PCB LAYOUT
2,5 2x
(.098)
0,3 2x
(.012)
2,4
(.093)
2,5 4x
(.098)
1,0 2x
(.039)
8,5
±0,5
(.335
±.020)
5,0
(.197)
7,0
(.276)
0,3 2x
(.012)
0,5 2x
(.020)
2,5
(.098)
2,5 2x
(.098)
"L"
0,3 2x
(.012)
2,4
(.093)
2,5 4x
(.098)
4,3
(.169)
1,0 2x
(.039)
1,6
(.063)
8,5
±0,5
(.335
±.020)
5,0
(.197)
7,0
(.276)
0,3 2x
(.012)
0,5 2x
(.020)
7,3
(.287)
0,6 MAX.
(.025) 2x
3,0
(.118)
PTS635S Model
PTS635V Model
ACTUATION FORCE
ACTUATOR HEIGHT
OPTION
CODE
FORCE
L
130 grams
H
200 grams
1
2
1
2
3
4
PTS635
V VERTICAL
S THRU-HOLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com