Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS635 Datasheet(PDF) 1 Page - ITT Industries

Part # PTS635
Description  3,5 mm Tact Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS635 Datasheet(HTML) 1 Page - ITT Industries

  PTS635 Datasheet HTML 1Page - ITT Industries PTS635 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-55
B
PTS635 Series
3,5 mm Tact Switches
Termination
S Thru-hole
V Vertical
Actuation Force
L 130 grams
H 200 grams
6
3
5
P
T
S
Actuator Height to PCB / Ground Pin
43 4,3 (.169), thru-hole
50 5,0 (.197), thru-hole
31 3,15 (.124), vertical
39 3,85 (.151), vertical
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: PC pins
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Process
SOLDERING: Preheating to 100˚C for 45 sec. max. Keep flux
flush with top surface of PCB; do not apply to component side of
PCB and area where terminals are located. Soldering to 255˚C for
5 sec. max. Clean by brushing on solder surface. Do not clean
switch with solvents.
Materials
BASE: 6/6 nylon or glass filled polyester (PBT) (UL 94V-0).
ACTUATOR: 6/6 nylon or polyacetal (UL 94HB).
COVER PLATE: PTS635S and PTS635V models: Tin plated
stainless steel
DOME CONTACTS: Phosphor bronze, silver clad.
STATIONARY CONTACTS: Brass, silver plated.
TERMINALS: Brass, silver plated. Insert molded.
Packaging
Bulk packaging.
Mechanical
ACTUATION FORCE: PTS635L models: 130 grams.
PTS635H models: 200 grams.
LIFE EXPECTANCY: 20,000 operations.
Features/Benefits
• Compact size 6 x 3.5 mm
• Variety of switch heights
• Choice of actuation force
Typical Applications
• Consumer products
• Instrumentation
• Computer products
• Industrial
Electrical
CONTACT RATING: 50 mA @ 12 V DC.
DIELECTRIC STRENGTH: 250 V AC min.
CONTACT RESISTANCE: 100 m
Ω max. initial.
INSULATION RESISTANCE: 1011
Ω min.
Environmental
OPERATING TEMPERATURE: -40˚C to 60˚C


Similar Part No. - PTS635

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
3,5 mm Tact Switches
PTS63525SMTRLFS CK-COMPONENTS-PTS63525SMTRLFS Datasheet
355Kb / 3P
3,5 mm Tact Switches
PTS635L25SMTRLFS CK-COMPONENTS-PTS635L25SMTRLFS Datasheet
355Kb / 3P
3,5 mm Tact Switches
PTS635LSMTRLFS CK-COMPONENTS-PTS635LSMTRLFS Datasheet
355Kb / 3P
3,5 mm Tact Switches
PTS635S25SMTRLFS CK-COMPONENTS-PTS635S25SMTRLFS Datasheet
355Kb / 3P
3,5 mm Tact Switches
More results

Similar Description - PTS635

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
12 mm Tact Switches
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
6 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
12 mm Tact Switches
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
3,5 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
6 mm Tact Switches
PTS645VH15LFS CK-COMPONENTS-PTS645VH15LFS Datasheet
492Kb / 4P
6 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
12 mm Tact Switches
2022
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
6 mm Tact Switches
14 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com