Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C4098A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C4098A
Description  5.0 V 256 K 횞 16 CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4098A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C4098A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
®
AS7C4098A
2/21/06, v 1.2
Alliance Semiconductor
P. 7 of 11
Write waveform 3 9
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
For test conditions, see AC Test Conditions, Figures A and B.
3tCLZ and tCHZ are specified with CL = 5pF as in Figure B. Transition is measured ±500mV from steady-state voltage.
4
This parameter is guaranteed, but not tested.
5WE is High for read cycle.
6CE and OE are Low for read cycle.
7
Address valid prior to or coincident with CE transition Low.
8
All read cycle timings are referenced from the last valid address to the first transitioning address.
9
All write cycle timings are referenced from the last valid address to the first transitioning address.
10 C = 30 pF, except on High Z and Low Z parameters, where C = 5 pF.
Address
CE
LB, UB
WE
DataIN
tWC
tCW
tBW
tWP
tDW
tDH
tWZ
tAH
DataOUT
Data undefined
High Z
High Z
tAS
tAW
Data valid
tWR
- Output load: see Figure B.
- Input pulse level: GND to VCC - 0.5V. See Figure A.
- Input rise and fall times: 2 ns. See Figure A.
- Input and output timing reference levels: 1.5V.
10%
90%
10%
90%
GND
VCC - 0.5V
2 ns
Figure A: Input pulse
255
Ω
C10
480
Ω
DOUT
GND
+5.0V
Figure B:5.0V Output load
168
Ω
DOUT
+1.728V
Thevenin equivalent:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com