Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C4098A Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C4098A
Description  5.0 V 256 K 횞 16 CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4098A Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C4098A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
®
AS7C4098A
2/21/06, v 1.2
Alliance Semiconductor
P. 9 of 11
Note: Add suffix ‘N’ to the above part numbers for Lead Free Parts. (EX: AS7C4098A - 10TCN)
Ordering Codes
Package
Version
10 ns
12 ns
15 ns
20 ns
SOJ
5.0V commercial AS7C4098A-10JC
AS7C4098A-12JC
AS7C4098A-15JC
AS7C4098A-20JC
5.0V industrial
AS7C4098A-10JI
AS7C4098A-12JI
AS7C4098A-15JI
AS7C4098A-20JI
TSOP 2
5.0V commercial AS7C4098A-10TC
AS7C4098A-12TC
AS7C4098A-15TC
AS7C4098A-20TC
5.0V industrial
AS7C4098A-10TI
AS7C4098A-12TI
AS7C4098A-15TI
AS7C4098A-20TI
Part numbering system
AS7C
4098A
–XX
J or T
X
X
SRAM prefix
Device
number
Access
time
Packages:
J: SOJ 400 mil
T: TSOP 2
Temperature ranges:
C: Commercial, 0°C to 70°C
I: Industrial, –40°C to 85°C
N = Lead Free Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com