Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QC01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QC01
Description  Smart - Control Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QC01 Datasheet HTML 1Page - List of Unclassifed Manufacturers QC01 Datasheet HTML 2Page - List of Unclassifed Manufacturers QC01 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product data sheet
FieldQ
Sheet No.:
Date:
TM
www.FieldQ .com
Copyright © Emerson Process Management. The information in this document is subject to change without notice. Updated data sheets can
be obtained from our web site www.Fieldq.com or from your nearest Valve Automation Center: America's:
+1 813 630 2255
(fax +1 630 9449) Europe: +31 74 256 10 10 (fax +31 74 291 09 38) Asia/Pacific: +65 626 24 515 (fax +65 626 80 028)
+
-
1
2
3
4
5
6
7
8
0.5 Amax. 15VAmax.
24 VDC +/- 15%
0.5 Amax. 15VAmax.
+
-
24 VDC +/- 15%
1
2
3
4
5
6
7
8
0-30 VDC/VAC
0.5 Amax. 15VAmax.
24 VDC +/- 15%
0-30 VDC/VAC
0.5 Amax. 15VAmax.
1.604.01 - Rev: E - Page 3 of 3
October, 2006
Wiring & Electrical Specifications QC01 & QC 02
Field wiring Unit wiring
1-2 Feedback 2
3-4 Feedback 1
5-6 Control supply
voltage
7-8 Power supply
voltage
Field wiring Unit wiring
1-2 Feedback 2,
3-4 Feedback 1
5-6 Control
7-8 Power supply
voltage
QC01, 24VDC electric connections, separate circuits
QC01
Electrical data QC01 : 24VDC
Power supply input :
Voltage
24 VDC (±15%)
Maximum current
125 mA
Power (nominal)
2.5 W
Control signal input :
Voltage
24 VDC (±15%)
Maximum current
5 mA
Contacts
Potential free
Feedback switches output:
Voltage
0-30 VDC
Current DC
500 mA (maximum)
1 mA (advised minimum)
Resistance (nom.)
0.5 Ohm (On state)
Maximum power
15 W
Electric contacts
Potential free
Polarity:
Dependent
Power supply
Independent
Control signal + feedback switches.
- For Non-Incendive (Cl. I Div2) or Non-Sparking (Zone 2) hazardous
area applications, see Installation Guide : DOC.IG.QC01.1
1
2
3
4
5
6
7
8
N
L
150mAmax. 15VAmax.
150mAmax. 15VAmax.
85-254 VAC
85-254 VAC
1
2
3
4
5
6
7
8
N
L
0-254VAC/VDC
150mAmax. 15VAmax.
0-254VAC/VDC
150mAmax. 15VAmax.
85-254 VAC
Field wiring
Unit wiring
1-2 Power supply
voltage
3-4 Control supply
voltage
5-6 Feedback 1
7-8 Feedback 2
Field wiring
Unit wiring
1-2 Power supply
voltage
3-4 Control supply
voltage
5-6 Feedback 1
7-8 Feedback 2
QC02, 85-254VAC electric connections, separate circuits
QC01, 24VDC electric connections, common “-”
QC02
QC02, 85-254VAC electric connections, single power
Electrical data QC02 - 85-254VAC
Power supply input :
Voltage
85-254V (rated mains 95-230V) 50/60Hz
Maximum current (*
60 mA
Power (nominal)
2.8 W
Control signal input :
Voltage
85-254V 50/60Hz
Maximum current
2.5mA at 115 VAC
5mA at 230 VAC
Feedback output:
Voltage
0-254 Vac/dc 50/60Hz
Maximum current
150mA
(AC or DC)
Maximum power
15 W
Electric contacts
Potential free
(*
The QC02 module has a fuse in the supply live line. It is not
allowed to replace this fuse in the field.
- For Non-Incendive (Cl. I Div2) or Non-Sparking (Zone 2) hazardous
area applications, see Installation Guide : DOC.IG.QC02.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com