Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QC01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QC01
Description  Smart - Control Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QC01 Datasheet HTML 1Page - List of Unclassifed Manufacturers QC01 Datasheet HTML 2Page - List of Unclassifed Manufacturers QC01 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
FieldQ
Sheet No.:
Date:
TM
www.FieldQ .com
Copyright © Emerson Process Management. The information in this document is subject to change without notice. Updated data sheets can
be obtained from our web site www.Fieldq.com or from your nearest Valve Automation Center: America's:
+1 813 630 2255
(fax +1 630 9449) Europe: +31 74 256 10 10 (fax +31 74 291 09 38) Asia/Pacific: +65 626 24 515 (fax +65 626 80 028)
FieldQ Button board
Closed reassignment button
Closed LED
Status LED
Open LED
Open reassignment button
Push
4 sec.
1.604.01 - Rev: E - Page 1 of 3
October, 2006
Smart - Control Modules
QC01: (24VDC) & QC02: (85-254VAC)
Description:
These FieldQ QC01 and QC02 Smart Control Modules offer
an integrated concept for "On/Off" valve automation. Its
compact and robust construction incorporates IPT technology
with auto-initialization for easy setting of feedback switches.
Construction:
The Control Module is mounted at the side of the Pneumatic
Module in front of the basic actuator housing. Inside are
terminals available for connecting control and feedback
wiring. Two cable entries are available for this purpose.
Features:
- Supports both single and double acting actuators.
- One entry for all wiring (control and feedback).
- IPT-technology (Intelligent Position Tracking).
- Automatic initialization for easy setup of the actuator.
Pressing 4 seconds simultaneously the "Open" and
"Closed" reassignment buttons starts auto-initialization
procedure and sets automatically the feedback limit
switches.
- Readjustable or Reversible position feedback using the
reassignment buttons.
- Three indication LED's for "Status", "Open" and "Closed"
position. Status LED indicates:
- Initialization procedure running
(blinking)
- Successful initialization procedure (LED is on)
- No or failed initialization
(flashing)
- Control Module is easily plugged in the Pneumatic
Module.
- Modular functionality for easy update towards present and
future bus systems.
- The power supply and all inputs and outputs are
galvanic isolated which offers greater flexibility for
systems connection.
General Specifications:
Material housing
: Aluminium alloy
Cable entries
: 2x M20x1.5 or 2x 1/2"NPT
Electrical connections : Internal terminal strip.
Enclosure
: IP65 / NEMA 4X
Finish
: Polyester non-TGIC based powder
coating.
Operating media
: Air or inert gasses, filtered at 50
micron
Temperature
: -20° to +80°C / -4° to 176°F
Dimensions
: See 1.603.01
metric
See 1.603.04
imperial/UNC
See 1.603.02
DIN 3337
Status LED:
LED =
Blinking
on
off
on
off
Time
LED =
Flashing


Similar Description - QC01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4556 LINER-LTC4556 Datasheet
242Kb / 20P
Smart Card Interface with Serial Control
logo
List of Unclassifed Man...
10CPV120 ETC1-10CPV120 Datasheet
31Kb / 2P
Phase Control Modules
logo
International Rectifier
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
logo
Axiomtek Co., Ltd.
NA-821 AXIOMTEK-NA-821 Datasheet
246Kb / 1P
Smart fan and intrusion control
logo
Linear Technology
LTC4556 LINER-LTC4556_15 Datasheet
269Kb / 22P
Smart Card Interface with Serial Control
logo
ON Semiconductor
FDMF3170 ONSEMI-FDMF3170 Datasheet
855Kb / 21P
Smart Power Stage (SPS) Modules
November 2016 Rev. 1.2
FDMF3172 ONSEMI-FDMF3172 Datasheet
851Kb / 21P
Smart Power Stage (SPS) Modules
December 2016 Rev. 1.0
logo
IDEC Corporation
FL9Y-LP1CDW IDEC-FL9Y-LP1CDW Datasheet
1Mb / 12P
Smart Control - IDEC SmartRelay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com