Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX74001 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # CX74001
Description  Rx ASIC for CDMA, AMPS, and PCS Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74001 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button CX74001 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 11Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 12Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Rx ASIC for CDMA, AMPS, and PCS Applications
CX74001
101134A
Skyworks
9
March 5, 2002
Proprietary Information and Specifications are Subject to Change
Table 4. CX74001 Rx ASIC Electrical Specifications (2 of 3)
(TA = 25
°°°° C, VCC = 3.0 V)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
800 MHz Mixer
Conversion Gain (Power):
CDMA Mode
AMPS Mode
10
11
10.5
11.5
11
12
dB
dB
Single-Sideband Noise Figure:
CDMA Mode
AMPS Mode
8.1
8.2
8.6
8.6
dB
dB
P1dB @ Input:
CDMA Mode
AMPS Mode
–9.5
–14
–8
–13
dBm
dBm
IP3 @ Input:
CDMA Mode
AMPS Mode
6
5
7.5
6
dBm
dBm
Mixer RF Input Return Loss (869-894 MHz)
(RF Port 1)
–10
–14
dB
IF output Resistance:
CDMA (differential)
AMPS (differential)
2000
1700
LO Input Power Level
–10
–5
0
dBm
LO Input Return Loss
–10
–12
dB
IF Frequency Range
50
300
MHz
LO/RF Isolation
18
20
dB
Total supply current (Mixer and LO Buffer)
CDMA
AMPS
18
12
22
16
mA
mA
1900 MHz Mixer (1930-1990 MHz)
Conversion Gain (Power)
10
11
11.5
dB
Single-Sideband Noise Figure
8
9.5
dB
P1dB @ Input
–12
–10
dBm
IP3 @ Input
6
7
dBm
RF Input Return Loss (1930-1990 MHz)
–10
–15
dB
LO Input Power Level
–10
–5
0
dBm
LO Input Return Loss (1600-2300 MHz)
–10
–11
dB
IF output resistance (differential)
1000
IF Frequency Range
50
300
MHz
Total Supply Current (Mixer and LO Buffer)
18
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com