Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX74001 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # CX74001
Description  Rx ASIC for CDMA, AMPS, and PCS Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74001 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button CX74001 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 11Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 12Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 13Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
CX74001
Rx ASIC for CDMA, AMPS, and PCS Applications
10
Skyworks
101134A
Proprietary Information and Specifications are Subject to Change
March 5, 2002
Table 4. CX74001 Rx ASIC Electrical Specifications (3 of 3)
(TA = 25
°°°° C, VCC = 3.0 V)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
VGA and IQ Cascaded Performance
Input Frequency Range (-2 dB)
50
300
MHz
Input impedance:
CDMA (differential)
AMPS(single-ended)
PCS (differential)
1000
1000
1000
Cascaded Noise Figure:
@ Max Gain
@ Min Gain
5
50
7
dB
dB
VGA control range
0.5
2.5
V
Gain:
Minimum (AMPS)
Minimum (CDMA)
Minimum (PCS)
Maximum (AMPS)
Maximum (CDMA)
Maximum (PCS)
–35
–43
–47.5
59
51
48
–30
–38
–42.5
63
55
52
–25
–33
–37.5
66
59
56
dB
dB
dB
dB
dB
dB
Gain Slope
30
45
70
dB/V
Gain variation over Signal Bandwidth:
CDMA and PCS (1 kHz-630 kHz)
AMPS (100 Hz-15 kHz)
0.2
0.2
0.55
0.55
dB
dB
Gain variation over temperature and supply
±2
dB
Input 1 db compression at minimum gain
–10
–8
dBm
OIP3 @ greater than 30 dB gain
4
5.5
dBm
Output (1dB compression)
1.25
Vppd
Output Common Mode Voltage Variation Over Supply
0.9
1.8
V
I-Ib and Q-Qb DC Offset
2
6
mV
I-Q Gain Mismatch
0.2
0.3
dB
I-Q Phase Mismatch
2
4
degrees
I-Q DC Offset
8
30
mV
Total supply current (VGA, IQ, dividers)
CDMA / PCS
AMPS
9
12
10.5
14
mA
mA
Oscillator
Frequency range
100
600
MHz
Phase Noise (fc = 200 MHz, unloaded Q = 20) @ 100 kHz
offset
–115
–117
dBc/Hz
Second harmonic distortion (application dependent)
–25
–30
dBc
Total Supply Current
6
8
mA
Buffered VCO Output
Frequency range
100
600
MHz
Output Level (peak differential)
120
150
mV
Output impedance (differential)
300
Reverse isolation
–30
–40
dB
Total supply current
3
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com