Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F53X Datasheet(PDF) 21 Page - Silicon Laboratories

Part # C8051F53X
Description  8/4/2 kB ISP Flash MCU Family
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F53X Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button C8051F53X Datasheet HTML 17Page - Silicon Laboratories C8051F53X Datasheet HTML 18Page - Silicon Laboratories C8051F53X Datasheet HTML 19Page - Silicon Laboratories C8051F53X Datasheet HTML 20Page - Silicon Laboratories C8051F53X Datasheet HTML 21Page - Silicon Laboratories C8051F53X Datasheet HTML 22Page - Silicon Laboratories C8051F53X Datasheet HTML 23Page - Silicon Laboratories C8051F53X Datasheet HTML 24Page - Silicon Laboratories C8051F53X Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 220 page
background image
Rev. 0.3
21
C8051F52x-53x
1.1.
CIP-51™ Microcontroller
1.1.1. Fully 8051 Compatible Instruction Set
The C8051F52x/F53xdevices use Silicon Laboratories’ proprietary CIP-51 microcontroller core. The CIP-
51 is fully compatible with the MCS-51™ instruction set. Standard 803x/805x assemblers and compilers
can be used to develop software. The C8051F52x/F53xfamily has a superset of all the peripherals
included with a standard 8052.
1.1.2. Improved Throughput
The CIP-51 employs a pipelined architecture that greatly increases its instruction throughput over the stan-
dard 8051 architecture. In a standard 8051, all instructions except for MUL and DIV take 12 or 24 system
clock cycles to execute, and usually have a maximum system clock of 12-to-24 MHz. By contrast, the CIP-
51 core executes 70% of its instructions in one or two system clock cycles, with no instructions taking more
than eight system clock cycles.
With the CIP-51's system clock running at 25 MHz, it has a peak throughput of 25 MIPS. The CIP-51 has a
total of 109 instructions. The table below shows the total number of instructions that require each execution
time.
Clocks to Execute
1
2
2/4
3
3/5
4
5
4/6
6
8
Number of Instructions
26
50
5
10
7
5
2
1
2
1
1.1.3. Additional Features
The C8051F52x/F53x family includes several key enhancements to the CIP-51 core and peripherals to
improve performance and ease of use in end applications.
An extended interrupt handler allows the numerous analog and digital peripherals to operate indepen-
dently of the controller core and interrupt the controller only when necessary. By requiring less intervention
from the microcontroller core, an interrupt-driven system is more efficient and allows for easier implemen-
tation of multi-tasking, real-time systems.
Eight reset sources are available: power-on reset circuitry (POR), an on-chip VDD monitor, a Watchdog
Timer, a Missing Clock Detector, a voltage level detection from Comparator, a forced software reset, an
external reset pin, and an illegal Flash access protection circuit. Each reset source except for the POR,
Reset Input Pin, or Flash error may be disabled by the user in software. The WDT may be permanently
enabled in software after a power-on reset during MCU initialization.
The internal oscillator is factory calibrated to 24.5 MHz ±0.5% across the entire operating temperature and
voltage range. An external oscillator drive circuit is also included, allowing an external crystal, ceramic res-
onator, capacitor, RC, or CMOS clock source to generate the system clock.
1.1.4. On-Chip Debug Circuitry
The C8051F52x/F53x devices include on-chip Silicon Laboratories 2-Wire (C2) debug circuitry that pro-
vides non-intrusive, full speed, in-circuit debugging of the production part installed in the end application.
Silicon Laboratories’ debugging system supports inspection and modification of memory and registers,
breakpoints, and single stepping. No additional target RAM, program memory, timers, or communications
channels are required. All the digital and analog peripherals are functional and work correctly while debug-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com