Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F53X Datasheet(PDF) 41 Page - Silicon Laboratories

Part # C8051F53X
Description  8/4/2 kB ISP Flash MCU Family
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F53X Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button C8051F53X Datasheet HTML 37Page - Silicon Laboratories C8051F53X Datasheet HTML 38Page - Silicon Laboratories C8051F53X Datasheet HTML 39Page - Silicon Laboratories C8051F53X Datasheet HTML 40Page - Silicon Laboratories C8051F53X Datasheet HTML 41Page - Silicon Laboratories C8051F53X Datasheet HTML 42Page - Silicon Laboratories C8051F53X Datasheet HTML 43Page - Silicon Laboratories C8051F53X Datasheet HTML 44Page - Silicon Laboratories C8051F53X Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 220 page
background image
Rev. 0.3
41
C8051F52x-53x
5. 12-Bit ADC (ADC0)
The ADC0 subsystem for the C8051F52x/F53x Family consists of an analog multiplexer (AMUX0) with
16/6 total input selections, and a 200 ksps, 12-bit successive-approximation-register ADC with integrated
track-and-hold, programmable window detector, programmable attenuation (1:2), and hardware accumula-
tor. The ADC0 subsystem has a special Burst Mode which can automatically enable ADC0, capture and
accumulate samples, then place ADC0 in a low power shutdown mode without CPU intervention. The
AMUX0, data conversion modes, and window detector are all configurable under software control via the
Special Function Registers shown in Figure 5.1. ADC0 inputs are single-ended and may be configured to
measure P0.0-P2.7, the Temperature Sensor output, VDD, or GND with respect to GND. ADC0 is enabled
when the AD0EN bit in the ADC0 Control register (ADC0CN) is set to logic 1, or when performing conver-
sions in Burst Mode. ADC0 is in low power shutdown when AD0EN is logic 0 and no Burst Mode conver-
sions are taking place.
12-Bit
SAR
ADC
32
ADC0CN
Start
Conversion
VDD
ADC0LTH
AD0WINT
19-to-1
AMUX0
VDD
P0.0
P0.7
Window
Compare
Logic
P1.0*
P1.7*
ADC0LTL
ADC0GTH ADC0GTL
ADC0MX
GND
Temp Sensor
ADC0CF
ADC0TK
Burst Mode
Logic
Accumulator
Start
Conversion
Burst Mode
Oscillator
25 MHz Max
SYSCLK
*Available in ‘F53x
devices
00
AD0BUSY (W)
10
CNVSTR Input
Timer 2 Overflow
11
01
Timer 1 Overflow
Figure 5.1. ADC0 Functional Block Diagram
5.1.
Analog Multiplexer
AMUX0 selects the input channel to the ADC. Any of the following may be selected as an input: P0.0–
P1.7, the on-chip temperature sensor, the core power supply (VDD), or ground (GND). ADC0 is single-
ended and all signals measured are with respect to GND. The ADC0 input channels are selected using
the ADC0MX register as described in SFR Definition 5.1.
Important Note About ADC0 Input Configuration: Port pins selected as ADC0 inputs should be config-
ured as analog inputs, and should be skipped by the Digital Crossbar. To configure a Port pin for analog
input, set to ‘0’ the corresponding bit in register PnMDIN (for n = 0,1). To force the Crossbar to skip a Port
pin, set to ‘1’ the corresponding bit in register PnSKIP (for n = 0,1). See Section “14. Port Input/Output” on
page 117 for more Port I/O configuration details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com