Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2 Datasheet(PDF) 1 Page - AIC tech Inc.

Part # US2
Description  Useful of 4,000 hours at 105°C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

US2 Datasheet(HTML) 1 Page - AIC tech Inc.

  US2 Datasheet HTML 1Page - AIC tech Inc. US2 Datasheet HTML 2Page - AIC tech Inc. US2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Environmental code
Plate code
Sealing code
Case height code
Case dia code
Terminal code
Capacitance tolerance code
Capacitance code
Rated voltage code
(Example) US2 Series 450V 1,000
μF ±20%
US2 2W 102 M T C
PH
S11
WP PF
Type of
series
US2 Series
• Conform RoHS
Features
• Higher ripple though use of low-ESR material consequently, the permissible ripple
current is improved by 27% in the windless status or 40% in the ventilated condition
(0.5m/s) as compared with conventional constructions (HU3 series).
• Improvement in air exhaust (flow hole phenomenon) from the terminal insertion hole at
solder fixing though improvement of cap condtruction.
• The operating spase of the safety vent (arranged on the case bottom) is reduced from
5mm (conventional necessary distance) into 1mm through improvement of case
construction. For these new case construction, pattern desigh can be move flexible.
Product Specifications
Product code
Terminal permissible current is limited to 15Arms (
φ41, 46),
20Arms (
φ51).
(Even if calculated the permissible ripple current with the
correction coefficient exceeds 15, 20Arms)
Please consult us when the ripple voltage exceeds 70Vp-p.
NEW!
HU3
→
P.88
High-ripple current
US2
Items
Specifications
Temperature range
−40℃∼ +105℃
Rated voltage
200
∼ 450V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.01CV (
μA) or 5mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard product table.
(105℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 105
℃ for 2,000 hours :
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 105
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
Ripple current correction coefficient
Temperature (
℃)
40
60
85
105
Correction coefficient
2.50
2.00
1.63
1.00
Frequency (Hz)
50/60
120
300
1K
≧10K
Correction coefficient
0.7
1.0
1.1
1.3
1.4
Forced wind (m/s)
<0.5
0.5
≦
Correction coefficient
1.0
1.1


Similar Part No. - US2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US20 MICROSEMI-US20 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
More results

Similar Description - US2

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCG7A AICTECH-HCG7A Datasheet
68Kb / 3P
Useful of 4,000 hours at 105ºC
HCGF5A AICTECH-HCGF5A Datasheet
70Kb / 3P
Useful of 4,000 hours at 85ºC
HCGHA AICTECH-HCGHA Datasheet
72Kb / 3P
Useful of 4,000 hours at 105ºC
HCGW2 AICTECH-HCGW2 Datasheet
73Kb / 2P
Useful of 4,000 hours at 85ºC
HP3 AICTECH-HP3 Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HU AICTECH-HU Datasheet
90Kb / 4P
Useful of 4,000 hours at 105ºC
VF0J334YD094 AICTECH-VF0J334YD094 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
VFR AICTECH-VFR Datasheet
82Kb / 3P
Useful of 4,000 hours at 85ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
VGR AICTECH-VGR Datasheet
83Kb / 3P
Useful of 4,000 hours at 105ºC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com