Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # US2
Description  Useful of 4,000 hours at 105°C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

US2 Datasheet(HTML) 2 Page - AIC tech Inc.

  US2 Datasheet HTML 1Page - AIC tech Inc. US2 Datasheet HTML 2Page - AIC tech Inc. US2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
US2 Series
Dimensions
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
200
1,500
41
×45
0.15
3.99
76
US22D152MSBS6PHWPPF
2,200
41
×55
0.15
4.80
52
US22D222MSBS8PHWPPF
46
×51
0.15
4.49
52
US22D222MSHS7PHWPPF
2,700
41
×64
0.15
5.37
42
US22D272MSBS10PHWPPF
51
×51
0.15
4.84
42
US22D272MTCS7PHWPPF
3,300
46
×61
0.15
5.56
34
US22D332MSHS9PHWPPF
3,900
46
×70
0.15
6.03
30
US22D392MSHS11PHWPPF
51
×61
0.15
5.87
30
US22D392MTCS9PHWPPF
4,700
51
×70
0.15
6.42
25
US22D472MTCS11PHWPPF
250
1,000
41
×45
0.15
3.26
115
US22E102MSBS6PHWPPF
1,500
41
×55
0.15
3.96
76
US22E152MSBS8PHWPPF
1,800
41
×64
0.15
4.38
63
US22E182MSBS10PHWPPF
46
×51
0.15
4.06
63
US22E182MSHS7PHWPPF
51
×51
0.15
3.95
63
US22E182MTCS7PHWPPF
2,200
46
×61
0.15
4.54
52
US22E222MSHS9PHWPPF
2,700
46
×70
0.15
5.02
43
US22E272MSHS11PHWPPF
51
×61
0.15
4.88
43
US22E272MTCS9PHWPPF
3,300
51
×70
0.15
5.38
38
US22E332MTCS11PHWPPF
400
470
41
×45
0.15
2.92
158
US22G471MSBS6PHWPPF
680
41
×55
0.15
3.50
109
US22G681MSBS8PHWPPF
46
×51
0.15
3.53
109
US22G681MSHS7PHWPPF
820
41
×64
0.15
3.87
90
US22G821MSBS10PHWPPF
51
×51
0.15
4.03
90
US22G821MTCS7PHWPPF
1,000
46
×61
0.15
4.33
80
US22G102MSHS9PHWPPF
1,200
46
×70
0.15
4.73
66
US22G122MSHS11PHWPPF
51
×61
0.15
4.92
66
US22G122MTCS9PHWPPF
1,500
51
×70
0.15
5.48
53
US22G152MTCS11PHWPPF
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
420
390
41
×45
0.15
2.56
190
US2420V391MSBS6PHWPPF
560
41
×55
0.15
3.04
132
US2420V561MSBS8PHWPPF
680
46
×51
0.15
3.39
109
US2420V681MSHS7PHWPPF
820
41
×64
0.15
3.72
90
US2420V821MSBS10PHWPPF
46
×61
0.15
3.76
90
US2420V821MSHS9PHWPPF
51
×51
0.15
3.87
90
US2420V821MTCS7PHWPPF
1,000
46
×70
0.15
4.15
80
US2420V102MSHS11PHWPPF
51
×61
0.15
4.31
80
US2420V102MTCS9PHWPPF
1,200
51
×70
0.15
4.71
66
US2420V122MTCS11PHWPPF
450
330
41
×45
0.15
2.35
225
US22W331MSBS6PHWPPF
470
41
×55
0.15
2.79
158
US22W471MSBS8PHWPPF
560
41
×64
0.15
3.07
132
US22W561MSBS10PHWPPF
46
×51
0.15
3.07
132
US22W561MSHS7PHWPPF
680
46
×61
0.15
3.43
109
US22W681MSHS9PHWPPF
51
×51
0.15
3.52
109
US22W681MTCS7PHWPPF
820
46
×70
0.15
3.75
90
US22W821MSHS11PHWPPF
51
×61
0.15
3.90
90
US22W821MTCS9PHWPPF
1,000
51
×70
0.15
4.30
80
US22W102MTCS11PHWPPF
●φ41, 46
●φ51
4−type terminal(Terminal code:S)
T−type terminal(Terminal code:T)
(Unit : mm)
60°
60°
φD±1
2.0MAX
L±2
φ22.5
6.0MAX
4−Projections
3−Projections
Terminal
Terminal
PVC Sleeve
2.0MAX
L±2
6.0MAX
PVC Sleeve
Phenol resin
φ51±1
Phenol resin
3−1.0×5.5
3−1.5×6.5
15.5
11.0
4-
φ2 hole
Circuit board hole dimension
(unit : mm)
Blank
termination
as strengthener
Blank
termination
as strengthener
Case vent
Plate less
(Unit : mm)
Circuit board hole dimension
(unit : mm)
Blank
termination
as strengthener
Case vent
Plate less
air
1mm
1mm
element
element
chassis
Circuit board
①Improvement of flow hole
②Improved valve working distance
Injection
Special structure



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com