Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7057-BWLM Datasheet(PDF) 7 Page - OSRAM GmbH

Part # AS7057-BWLM
Description  Biosignal Converting Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7057-BWLM Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button AS7057-BWLM Datasheet HTML 3Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 4Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 5Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 6Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 7Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 8Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 9Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 10Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Document Feedback
AS7057
Absolute Maximum Ratings
Short Datasheet
• PUBLIC
DS001053
• v1-00 • 2022-May-10
13
│ 6
3
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions,
beyond those indicated under “Operating Conditions”, is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 3
Absolute Maximum Ratings of AS7057
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
Supply Voltage
1.98
V
VIN
Input Pin Voltage to Ground pins
-0.3
VDD+0.3V
max. 1.98 V
V
Internal diode to VDD
VLED
Voltage at Driver
-0.3
5.5
V
VGND-PGND
Analog to Power Ground Voltage
Difference
±0.3
V
ISCR
Input Current (latch-up immunity)
±100
mA
Norm: JEDEC JESD78
Connect the specified
capacitor on PDREF
during latch-up test.
ILEDON
Average LED ON Current
90
mA
DC current with all LEDs
ON during all 8 time slots
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2.0
kV
JS-001-2017
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature Range
-40
125
°C
JESD22-A103
TAMB
Operating Free-air Temperature
-30
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative Humidity (non-condensing)
5
85
%
MSL
Moisture Sensitivity Level
1
Maximum floor life time
unlimited @ 30°C/85%
RHmax
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com