Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7057-BWLM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS7057-BWLM
Description  Biosignal Converting Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7057-BWLM Datasheet(HTML) 4 Page - OSRAM GmbH

  AS7057-BWLM Datasheet HTML 1Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 2Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 3Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 4Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 5Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 6Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 7Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 8Page - OSRAM GmbH AS7057-BWLM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Document Feedback
AS7057
General Description
Short Datasheet
• PUBLIC
DS001053
• v1-00 • 2022-May-10
13
│ 3
1
General Description
The AS7057 Biosignal Sensor Analog Frontend (AFE) is the next generation Vital Sign Sensor. It
enables the user to detect biosignals such as photoplethysmogram (PPG) and pulse transit time
(PTT), as well as proximity. PPG is the most used HRM method. It measures the pulse rate - by
sampling light modulated by the blood vessels, which expand and contract as blood pulses through
them. Apart from HRM/HRV, optical Blood Pressure and SpO2 are also enabled by the two
independent working photodiode inputs of the AS7057. The AS7057 is a size and performance
optimized analog frontend to support space-limited applications such as in-ear vital sign monitoring.
The AS7057 provides three LED driver outputs, samples up to three photodiode inputs, and supports
proximity detection integrated into one of the PPG signal channels. This enables high flexibility for
several LED and photodiode arrangements in different applications. Furthermore, the AS7057
Biosignal Sensor Analog Frontend provides two ADC channels for simultaneous PPG measurements
and an automatic photodiode offset control.
The AS7057
’s low-power design and small form factor are particularly well-suited for application in
earbuds, fitness bands, smartwatches, sports watches, and smart patches. In these cases, board
space is limited, and users look for extended, multi-day intervals between battery recharges. A thin
package dimension makes the AS7057 suitable for height-constrained solutions like earbuds.
1.1
Key Benefits & Features
The benefits and features of the AS7057 Biosignal Converting Unit are listed below:
Figure 1:
Added Value of Using AS7057
Benefits
Features
Flexible LED/photodiode configuration.
Three LED drivers and three photodiode input
pins.
Allows the smallest application size e.g. in-ear
vital sign monitoring.
Small Wafer-Level-Chip-Scale-Package
(WLCSP).
Enables optical blood pressure measurements.
Two synchronized PPG acquisition channels.
Enables proximity detection for additional
energy savings.
Two independent, programmable sequence
blocks inside the PPG signal acquisition.
Good HRM measurement quality.
Low noise analog optical frontend.
Long operating time.
Hardware sequencer to offload processor.
Adjustable LED driver with current control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com