Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAQ7980 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAQ7980
Description  Quad, 14-Bit, 4 MSPS, Simultaneous Sampling, μModule Data Acquisition Solution
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 17Page - Analog Devices ADAQ7980 Datasheet HTML 18Page - Analog Devices ADAQ7980 Datasheet HTML 19Page - Analog Devices ADAQ7980 Datasheet HTML 20Page - Analog Devices ADAQ7980 Datasheet HTML 21Page - Analog Devices ADAQ7980 Datasheet HTML 22Page - Analog Devices ADAQ7980 Datasheet HTML 23Page - Analog Devices ADAQ7980 Datasheet HTML 24Page - Analog Devices ADAQ7980 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Data Sheet
ADAQ4381-4
TERMINOLOGY
analog.com
Rev. 0 | 21 of 45
Long-Term Drift (ΔVOUT_LTD)
Long-term drift refers to the shift in the output voltage vs. time. This
is expressed as a difference in ppm from the nominal output.
∆VOUT_LTD= VOUTt1−VOUTt0
VOUTt0
×106 (7)
where:
ΔVOUT_LTD is expressed in ppm.
VOUT(t0) is the output voltage at the starting time of the
measurement.
VOUT(t1) is the output voltage at the end time of the measurement.
Thermal Hysteresis (ΔVOUT_HYS)
Thermal hysteresis represents the change in the output voltage
after the device is exposed to a specified temperature cycle. This is
expressed as a difference in ppm from the nominal output.
∆VOUT_HYS= VOUT1_25°C−VOUT2_25°C
VOUT1_25°C
×106 (8)
where:
ΔVOUT_HYS is expressed in ppm.
VOUT1_25°C is the output voltage at 25°C.
VOUT2_25°C is the output voltage after temperature cycling.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and DC. The value for SNR is
expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in decibels.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components that are less than
the Nyquist frequency, including harmonics but excluding DC. The
value for SINAD is expressed in decibels.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave input.
ENOB is related to SINAD as follows:
ENOB=SINADdB−1.76
6.02
(9)
where ENOB is expressed in bits.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms amplitude
of the input signal and the peak spurious signal.
Common-Mode Rejection Ratio (CMRR)
CMRR is the ratio of the power in μModule output at the frequency,
f, to the power of a 100 mV p-p sine wave applied to the input
common-mode voltage of frequency, f.
CMRRdB =10logPμModule_IN/PμModule_OUT (10)
where:
PμModule_IN is the common-mode power at the frequency, f, applied
to the inputs.
PμModule_OUT is the power at the frequency, f, in the μModule output.
Power-Supply Rejection Ratio (PSRR)
PSRR is the ratio of the power in the μModule output at the
frequency, f, to the power of a 500 mV p-p sine wave applied to
the VS+, REFIN, and IN_LDO supply voltage centered at 5 V of
frequency, f.
PSRRdB =10logPμModule_IN/PμModule_OUT (11)
where:
PμModule_IN is the power at the frequency, f, at the VS+, REFIN, and
IN_LDO pins.
PμModule_OUT is the power at the frequency, f, at the μModule output.
Aperture Delay
Aperture delay is the measure of the acquisition performance and
is the time between the falling edge of the input and when the input
signal is held for a conversion.
Aperture Jitter
Aperture jitter is the variation in aperture delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com