Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDX-00 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # ASDX-00
Description  Industrial High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ASDX-00 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button ASDX-00 Datasheet HTML 4Page - OSRAM GmbH ASDX-00 Datasheet HTML 5Page - OSRAM GmbH ASDX-00 Datasheet HTML 6Page - OSRAM GmbH ASDX-00 Datasheet HTML 7Page - OSRAM GmbH ASDX-00 Datasheet HTML 8Page - OSRAM GmbH ASDX-00 Datasheet HTML 9Page - OSRAM GmbH ASDX-00 Datasheet HTML 10Page - OSRAM GmbH ASDX-00 Datasheet HTML 11Page - OSRAM GmbH ASDX-00 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Document Feedback
EGA2000-850-UW
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000695
• v4-00 • 2023-Apr-04
24
│ 7
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 6:
Absolute Maximum Ratings of EGA2000-850-UW
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
IF,LD
Laser Diode Forward Current
10
A
Duty cycle = 1%
Pulse width = 100
μs
@ 25
⁰C
VR,LD
Laser Diode Reverse
5
V
DC mode
@ 25
⁰C
IR,LD
Laser Diode Reverse Current
25
nA
DC mode
@ 25
⁰C
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
± 2
kV
JEDEC JS-001-2017
ESDCDM
Electrostatic Discharge CDM
± 750
V
JEDEC JS-002-2018
Temperature Ranges and Storage Conditions
TA
Operating Ambient Temperature
-40
105
°C
TSTRG
Storage Temperature Range
-40
125
°C
RHNC
Relative Humidity (non-
condensing)
85
%
MSL
Moisture Sensitivity Level
3
JESD22-A113D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com