Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDX-00 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # ASDX-00
Description  Industrial High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ASDX-00 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button ASDX-00 Datasheet HTML 16Page - OSRAM GmbH ASDX-00 Datasheet HTML 17Page - OSRAM GmbH ASDX-00 Datasheet HTML 18Page - OSRAM GmbH ASDX-00 Datasheet HTML 19Page - OSRAM GmbH ASDX-00 Datasheet HTML 20Page - OSRAM GmbH ASDX-00 Datasheet HTML 21Page - OSRAM GmbH ASDX-00 Datasheet HTML 22Page - OSRAM GmbH ASDX-00 Datasheet HTML 23Page - OSRAM GmbH ASDX-00 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Document Feedback
EGA2000-850-UW
Soldering & Storage Information
Datasheet
• PUBLIC
DS000695
• v4-00 • 2023-Apr-04
24
│ 19
9.2
Storage Information
Moisture sensitivity optical characteristics of the device can be adversely affected during the soldering
process by the release and vaporization of moisture that has been previously absorbed into the
package. To ensure the package contains the smallest amount of absorbed moisture possible, each
device is baked prior to being dry packed for shipping. Devices are dry packed in a sealed aluminized
envelope called a moisture-barrier bag with silica gel to protect them from ambient moisture during
shipping, handling, and storage before use.
9.3
Shelf Life
The calculated shelf life of the device in an unopened moisture barrier bag is 12 months from the date
code on the bag when stored under the following conditions:
●
Shelf Life: 12 months
●
Ambient Temperature: <40°C
●
Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed the 12 month shelf life and the Humidity
Indicator Card shows that the devices were exposed to conditions beyond the allowable moisture
region.
9.4
Floor Life
The module has been assigned a moisture sensitivity level of MSL 3. As a result, the floor life of
devices removed from the moisture barrier bag is 168 hours from the time the bag was opened,
provided that the devices are stored under the following conditions:
●
Floor Life: 168 hours
●
Ambient Temperature: <30°C
●
Relative Humidity: <60%
If the floor life or the temperature/humidity conditions have been exceeded, the devices must be
rebaked prior to solder reflow or dry packing.
9.5
Rebaking Instructions
When the shelf life or floor life limits have been exceeded, rebaking is required based on
recommended baking conditions (7h at 105 °C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com