Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJTLMS3.EM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GWJTLMS3.EM
Description  The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJTLMS3.EM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GWJTLMS3.EM Datasheet HTML 6Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 7Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 8Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 9Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 10Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 11Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 12Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 13Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
GW JTLMS3.EM
DATASHEET
DATASHEET
10 | Version 1.1 | 2024-07-17
6500 K
E
0.3110 0.3340 0.3054 0.3220 0.3082 0.3245 0.3115 0.3317
F
0.3110 0.3340 0.3192 0.3344 0.3165 0.3319 0.3115 0.3317
G 0.3192 0.3344 0.3136 0.3224 0.3131 0.3247 0.3165 0.3319
H
0.3136 0.3224 0.3054 0.3220 0.3082 0.3245 0.3131 0.3247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com