Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJTLMS3.EM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # GWJTLMS3.EM
Description  The pre-molded PPA 2835 LED version with standard 2835 footprint provides competitive value in application and system level.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJTLMS3.EM Datasheet(HTML) 3 Page - OSRAM GmbH

  GWJTLMS3.EM Datasheet HTML 1Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 2Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 3Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 4Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 5Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 6Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 7Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 8Page - OSRAM GmbH GWJTLMS3.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
GW JTLMS3.EM
DATASHEET
DATASHEET
3 | Version 1.1 | 2024-07-17
Ordering Information
Type
Color temperature McAdams steps Luminous Flux 1) Ordering Code
I
F = 60 mA
Φ
V
GW JTLMS3.EM-G6G8-XX310-1
2200 K
SDCM 3
19.5 ... 24.0 lm Q65113A8855
GW JTLMS3.EM-G7G9-XX39-1
2400 K
SDCM 3
21.0 ... 25.5 lm Q65113A8856
GW JTLMS3.EM-G8GV-XX38-1
2700 K
SDCM 3
22.5 ... 27.0 lm Q65113A8851
GW JTLMS3.EM-G9GW-XX37-1
3000 K
SDCM 3
24.0 ... 28.5 lm Q65113A8852
GW JTLMS3.EM-G9GW-XX36-1
3500 K
SDCM 3
24.0 ... 28.5 lm Q65113A8853
GW JTLMS3.EM-G9GW-XX35-1
4000 K
SDCM 3
24.0 ... 28.5 lm Q65113A8854
GW JTLMS3.EM-G9GW-XX33-1
5000 K
SDCM 3
24.0 ... 28.5 lm Q65113A8859
GW JTLMS3.EM-G9GW-XX32-1
5700 K
SDCM 3
24.0 ... 28.5 lm Q65113A8861
GW JTLMS3.EM-G9GW-XX31-1
6500 K
SDCM 3
24.0 ... 28.5 lm Q65113A8858
GW JTLMS3.EM-G6G9-XX510-1
2200 K
SDCM 5
19.5 ... 25.5 lm Q65113A6702
GW JTLMS3.EM-G6GV-XX59-1
2400 K
SDCM 5
19.5 ... 27.0 lm Q65113A8675
GW JTLMS3.EM-G8GW-XX58-1
2700 K
SDCM 5
22.5 ... 28.5 lm Q65113A6707
GW JTLMS3.EM-G9H1-XX57-1
3000 K
SDCM 5
24.0 ... 30.0 lm Q65113A6703
GW JTLMS3.EM-G9H1-XX56-1
3500 K
SDCM 5
24.0 ... 30.0 lm Q65113A6711
GW JTLMS3.EM-G9H1-XX55-1
4000 K
SDCM 5
24.0 ... 30.0 lm Q65113A6704
GW JTLMS3.EM-G9H1-XX53-1
5000 K
SDCM 5
24.0 ... 30.0 lm Q65113A6709
GW JTLMS3.EM-G9H1-XX52-1
5700 K
SDCM 5
24.0 ... 30.0 lm Q65113A6705
GW JTLMS3.EM-G9H1-XX51-1
6500 K
SDCM 5
24.0 ... 30.0 lm Q65113A6708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com