Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWVJLPL1.PM Datasheet(PDF) 6 Page - OSRAM GmbH

Part # GWVJLPL1.PM
Description  The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWVJLPL1.PM Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button GWVJLPL1.PM Datasheet HTML 2Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 3Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 4Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 5Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 6Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 7Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 8Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 9Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
GW VJLPL1.PM
DATASHEET
DATASHEET
6 | Version 1.1 | 2024-10-25
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 350 mA
I
F = 350 mA
min.
max.
Φ
V
Φ
V
K1
90 lm
95 lm
K2
95 lm
100 lm
LS
100 lm
105 lm
LT
105 lm
110 lm
LU
110 lm
115 lm
K3
115 lm
120 lm
K4
120 lm
125 lm
LW
135 lm
140 lm
LX
140 lm
145 lm
LY
145 lm
150 lm
LZ
150 lm
155 lm
L1
155 lm
160 lm
L2
160 lm
165 lm
L3
165 lm
170 lm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 350 mA
I
F = 350 mA
min.
max.
V
F
V
F
K1
2.60 V
2.70 V
K2
2.70 V
2.80 V
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com