Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWVJLPL1.PM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # GWVJLPL1.PM
Description  The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWVJLPL1.PM Datasheet(HTML) 3 Page - OSRAM GmbH

  GWVJLPL1.PM Datasheet HTML 1Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 2Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 3Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 4Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 5Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 6Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 7Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 8Page - OSRAM GmbH GWVJLPL1.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
GW VJLPL1.PM
DATASHEET
DATASHEET
3 | Version 1.1 | 2024-10-25
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 350 mA
Φ
V
GW VJLPL1.PM-K1K4-XX512-1
1800 K
90 ... 125 lm
Q65113A8214
GW VJLPL1.PM-LWL3-XX55-1
4000 K
135 ... 170 lm
Q65113A8211
GW VJLPL1.PM-LWL3-XX53-1
5000 K
135 ... 170 lm
Q65113A8212
GW VJLPL1.PM-LWL3-XX52-1
5700 K
135 ... 170 lm
Q65113A8919
GW VJLPL1.PM-LWL3-XX51-1
6500 K
135 ... 170 lm
Q65113A8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com