Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CABGA Datasheet(PDF) 1 Page - Amkor Technology

Part # CABGA
Description  ChipArray짰 Packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CABGA Datasheet(HTML) 1 Page - Amkor Technology

  CABGA Datasheet HTML 1Page - Amkor Technology CABGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
CABGA/CTBGA/CVBGA
Features:
Thermal Resistance:
Reliability:
Cutting edge technology and expanding
package offerings provide a platform from
prototype-to-production.
• Full, in-house design
• Square or rectangle packages available
• 4 mm to 21 mm body size available
• 8 to 449 ball counts
• 0.5, 0.65, 0.75, 0.80 & 1.0 mm ball pitch available
• JEDEC MO-216 compliant for 0.8 mm and
1.0 mm ball pitch
• JEDEC MO-195 compliant for 0.5 mm & 0.65 mm
ball pitch
• PB free and Green package available
• Daisy Chain packages available
• Short traces for excellent electrical inductance
• Low inductance (modeled data)
1.4nH (1.0 mm trace length)
4.1nH (5.0 mm trace length)
Theta JA at 1.0 Watt and 0 airflow (°C/Watt)
CABGA
CTBGA
CVBGA
8 x 8
37.28
36.45
37.52
10 x 10
19.86
29.04
26.7
11 x 11
29
N/A
N/A
15 x 15
20.1
N/A
N/A
19 x 19
17.04
N/A
N/A
Amkor assures reliable performance by
continuously monitoring key indices:
• Moisture sensitivity
JEDEC Level 2 @ 240 °C
characterization
JEDEC Level 3 @ 260 °C
85 °C/85% RH, 168 hours
• Temp/humidity
85 °C/85%, 1000 hours
• High temp storage
150 °C, 1000 hours
• HAST
130 °C/85% RH, 96 hours
• Temp cycle
-55/+125 °C, 1000 cycles
ChipArray® Packages:
Amkor’s ChipArray® packages are laminate-
based Ball Grid Array (BGA) packages that are
compatible with established SMT mounting
processes. The near-chip-size standard outlines
offer a broad selection of ball array pitch, count,
and body sizes. (See table on back.) In addition
to the standard core ChipArray package (CABGA),
Amkor offers thin core ball grid array packages
(CTBGA and CVBGA) which, coupled with a thin
mold cap, achieve package thicknesses down to
1.0 mm max. By utilizing a thin core laminate,
much denser routing can be achieved, thereby
enabling more I/Os in a given footprint. Amkor
ChipArray packages, regardless of body size and
thickness, utilize the same, flexible capacity which
assures economical packaging solutions. Further,
high volume processes and innovative design
assure high quality and cutting edge technology.
Due to their small size and I/O density, Amkor’s
ChipArray product family is an excellent choice for
new devices requiring a small footprint size and
low mounted height.
Applications:
The ChipArray package family is applicable for
semiconductors such as memory, analog, ASICs,
RF devices and simple PLDs requiring a smaller
package size than conventional PBGAs.
ChipArray packages fill the need for low cost,
minimum space and high speed requirements
of mobile phones and pagers, notebook and
subnotebook personal computers, PDAs and
other wireless systems.
LAMINATE
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
DS550N
Rev Date: 01’07


Similar Part No. - CABGA

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CABGA AMKOR-CABGA Datasheet
411Kb / 2P
Silver Wirebonding
02/22
CABGA AMKOR-CABGA_V01 Datasheet
746Kb / 2P
Amkor’s ChipArray® Ball Grid Array (CABGA) laminate based packages are compatible with SMT mounting processes worldwide.
06/19
More results

Similar Description - CABGA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5026 FAIRCHILD-AN-5026 Datasheet
722Kb / 8P
Using BGA Packages
logo
Rohm
TSSOP-B14J ROHM-TSSOP-B14J Datasheet
90Kb / 2P
IC Packages
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
Electrically-isolated packages
logo
Teccor Electronics
L6008D8TP TECCOR-L6008D8TP Datasheet
178Kb / 8P
Electrically-isolated packages
logo
XP Power Limited
QSB XPPOWER-QSB Datasheet
153Kb / 4P
Industry Standard Packages
logo
IXYS Corporation
IXYK100N65B3D1 IXYS-IXYK100N65B3D1 Datasheet
227Kb / 7P
International Standard Packages
IXYK100N65C3D1 IXYS-IXYK100N65C3D1 Datasheet
225Kb / 7P
International Standard Packages
logo
TT Electronics.
BCN31 TTELEC-BCN31 Datasheet
274Kb / 3P
Leadless Chip Packages
logo
STMicroelectronics
LMV82X STMICROELECTRONICS-LMV82X Datasheet
663Kb / 32P
Tiny packages
10-Apr-2017
logo
List of Unclassifed Man...
C30617 ETC2-C30617 Datasheet
647Kb / 7P
Available in various packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com