Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO-RXLC-AS315M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MO-RXLC-AS315M
Description  SUPER-REGENERATION RECEIVER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MO-RXLC-AS315M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MO-RXLC-AS315M Datasheet HTML 1Page - List of Unclassifed Manufacturers MO-RXLC-AS315M Datasheet HTML 2Page - List of Unclassifed Manufacturers MO-RXLC-AS315M Datasheet HTML 3Page - List of Unclassifed Manufacturers MO-RXLC-AS315M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MO-RXLC-A
bsolute Maximum Ratings
Rating
Units
A
Parameter
Supply Voltage
5.0
V DC
Operating Temperature
-20~+80
℃
Absolute Maximum Ratings
Specification
Parameter
Condition
Min.
Max.
Unit
Symbo
l
Typical
3.5
5
5.5
-101
dBm
Sensitivity
Psens
Vcc=5.0V,
ate
1Kbps Data R
434MHz
--104
--101
dBm
ASK out logic HIGH
VOH
μ
0.7*Vcc
Iload = 30 A
V DC
ASK out logic LOW
VOL
Iload = 30μA
0.3*vcc
V DC
Supply current
Icc
3.5
4.5
mA
Tune on Time
Ton
Data start out by Vcc turn on
25
ms
Data Rate
300
6k
1k
bps
Output duty
Vcc=5V; 1kbps data rate
40
60
%
Operation Voltage
V
315MHz
-104
-
P
禾伸堂企業股份有限公司
TEL:886-2-26596722
Holy Stone Enterprise CO.,LTD
FAX:886-2-26596720
VER 2.0 2004-6-20
in Dimension



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com