Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO-RXLC-AS315M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MO-RXLC-AS315M
Description  SUPER-REGENERATION RECEIVER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MO-RXLC-AS315M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MO-RXLC-AS315M Datasheet HTML 1Page - List of Unclassifed Manufacturers MO-RXLC-AS315M Datasheet HTML 2Page - List of Unclassifed Manufacturers MO-RXLC-AS315M Datasheet HTML 3Page - List of Unclassifed Manufacturers MO-RXLC-AS315M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Holy Stone Enterprise Co., Ltd
MO-RXLC-A
SUPER-REGENERATION RECEIVER MODULE
315/434 MHz ASK RECEIVER
Description
MO-RXLC-A is an ASK receiver module. The MO-RXLC-A is based on
a single-conversion ,super-regeneration receiver architecture .It can use in
OOK / HCS / PWM modulation signal and demodulate to digital signal.
MO-RXLC-A had a high performance and easily to design your product.
It can be used on wireless security system or specific remote-control
function and others wireless system
roduct
Identification
MO-RXLC-AS315M
Applications
Car security system
Remote keyless entry
Garage door controller
Home security
Wireless mouse
Automation system
Features
Low power consumption.
Easy for application.
Operation temperature range : ﹣20℃∼+80℃
Operation voltage : 5 Volts.
Available frequency at : 315/434 MHz
P
315MHz
433.92MHz
MO-RXLC-AS434M
禾伸堂企業股份有限公司
TEL:886-2-26596722
Holy Stone Enterprise CO.,LTD
FAX:886-2-26596720
VER 2.0 2004-6-20


Similar Part No. - MO-RXLC-AS315M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MO-RX3930 ETC-MO-RX3930 Datasheet
109Kb / 3P
FSK RECEIVER MODULE
MO-RX3930-FS ETC-MO-RX3930-FS Datasheet
109Kb / 3P
FSK RECEIVER MODULE
MO-RX3930-FS315M ETC-MO-RX3930-FS315M Datasheet
109Kb / 3P
FSK RECEIVER MODULE
MO-RX3930-FS434M ETC-MO-RX3930-FS434M Datasheet
109Kb / 3P
FSK RECEIVER MODULE
MO-RX3930-FS868M ETC-MO-RX3930-FS868M Datasheet
109Kb / 3P
FSK RECEIVER MODULE
More results

Similar Description - MO-RXLC-AS315M

ManufacturerPart #DatasheetDescription
logo
Winbond
W55RFS27R1B WINBOND-W55RFS27R1B Datasheet
259Kb / 15P
SUPER-REGENERATION RF RECEIVER
W55RFS27R3C WINBOND-W55RFS27R3C Datasheet
257Kb / 13P
Super-Regeneration RF Receiver
W55RFS27T3B WINBOND-W55RFS27T3B Datasheet
329Kb / 16P
SUPER-REGENERATION RF RECEIVER
logo
List of Unclassifed Man...
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
Super-Regeneration RF Receiver
W55RFS27T1B ETC2-W55RFS27T1B Datasheet
533Kb / 15P
Super-Regeneration RF Transmitter
W55RFS27R3C ETC2-W55RFS27R3C Datasheet
485Kb / 12P
Super-Regeneration RF Receiver
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
Super-Regeneration RF Receiver
W55RFS27R3C NUVOTON-W55RFS27R3C Datasheet
485Kb / 12P
Super-Regeneration RF Receiver
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
Super-Regeneration RF Transmitter
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
Super-Regeneration RF Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com