Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4530 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PS4530
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4530 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PS4530 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 11Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Electrical Characteristics - Single 3V Supply
(V+ = +2.7V to 3.6V, V– = –0V, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.5V, TA = TMIN to TMAX, unless otherwise noted)
Notes:
2. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum,
is used in this data sheet.
3. Guaranteed by design
4.
∆RΟΝ = RΟΝ (max) - RΟΝ (min)
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured over the specified
analog ranges, i.e., VNO = 3V to 0V and 0V to –3V.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at TA = +25ºC.
7. Worst-case isolation is on channel 4 because of its proximity to the COM pin.
Off isolation = 20log VCOM/VNO, VCOM = output, VNO = input to off switch
8. Leakage testing at single supply is guaranteed by testing with dual supplies.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
M
)
2
(
p
y
T
)
2
(
x
a
M
)
2
(
s
t
i
n
U
h
c
t
i
w
S
e
g
a
n
R
l
a
n
g
i
S
g
o
l
a
n
AV
G
O
L
A
N
A
3
e
t
o
N0
+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
I O
N
V
,
A
m
1
=
M
O
C
V
5
.
1
=
V
7
.
2
=
+
V
TA
C
°
5
2
+
=5
75
8
1
m
h
O
TA T
=
N
I
M
T
o
t
X
A
M
0
5
2
c
i
m
a
n
y
D
e
m
i
T
n
o
it
s
i
s
n
a
r
T
)
3
(
t
S
N
A
R
T
V
,
1
e
r
u
g
i
F
N
I
V
4
.
2
=
V
1
O
N
V
,
V
5
.
1
=
8
O
N
V
0
=
TA
C
°
5
2
+
=
0
5
10
5
3
s
n
e
m
i
T
n
O
-
n
r
u
T
e
l
b
a
n
E
)
3
(
t
)
N
E
(
N
O
V
,
3
e
r
u
g
i
F
H
N
I
V
4
.
2
=
V L
N
I
V
,
V
0
=
1
O
N
V
5
.
1
=
0
5
10
5
3
e
m
i
T
f
f
O
-
n
r
u
T
e
l
b
a
n
E
)
3
(
t
)
N
E
(
F
F
O
V
,
3
e
r
u
g
i
F
H
N
I
V
4
.
2
=
V L
N
I
V
,
V
0
=
1
O
N
V
5
.
1
=
0
60
5
1
l
e
n
n
a
h
C
,
e
m
i
T
p
U
-
t
e
S
e
l
b
a
n
E
h
c
t
a
L
o
t
t
c
e
l
e
S
tS
3
e
t
o
N
0
0
1
e
l
b
a
n
E
h
c
t
a
L
,
e
m
i
T
d
l
o
H
t
c
e
l
e
S
l
e
n
n
a
h
C
o
t
tH
0
e
l
b
a
n
E
h
c
t
a
L
,
h
t
d
i
W
e
s
l
u
Pt W
P
M
0
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com