Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4530 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PS4530
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4530 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS4530 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4530 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
PS8591D
11/17/04
Features
• Low On-Resistance (60 Ohm typ.) Minimizes Distortion
and Error Voltages
• Single-Supply Operation (+2.0V to 12.0V)
• Dual-Supply Operation (± 2.0V to ± 6.0V)
• Improved Second Sources for MAX4530/MAX4531/MAX4532
• 75 Ohm On-Resistance with ±5V supplies
• 150 Ohm On-Resistance with ±5V supply
• TTL/CMOS Logic Compatible
• Fast Switching Speed, tON and tOFF = 150ns & 120ns at ±4.5V
• Break-Before-Make action eliminates momentary crosstalk
• Rail-to-RailAnalog Signal Range
• Low Power Consumption, <1µW
• Narrow SOIC, and SSOP Packages Minimize BoardArea
Applications
• Data Acquisition Systems
• Audio Switching and Routing
• Test Equipment
• PBX, PABX
• Telecommunication Systems
• Battery-Powered Systems
Description
PS4530/PS4531/PS4532 are low voltage CMOS analog ICs config-
ured as an 8-channel multiplexer (mux) (PS4530), two 4-channel
muxes (PS4531), and three single-pole/double-throw switches
(PS4532). These devices are pin compatible with the industry
standard 74H4351/74HC4352/74HC4353. All devices have two
complementary switch-enable inputs and address latching.
The PS4530/PS4531/PS4532 operate from a single supply of +2V to
+12V, or from dual supplies of ±2V to ±6V. On-resistance (150Ohm
max.) is matched between switches to 8Ohm max. Each switch can
handle rail-to-rail analog signals. Off-leakage current is only 1nA
at TA = +25°C and 50nAat TA = +85oC.
All digital inputs have 0.8V and 2.4V logic thresholds, ensuring
both TTL-logic and CMOS-logic compatibility when using ±5V or
a single +5V supply.
Functional Block Diagrams and Pin Configurations
Top View
PS4530
Top View
PS4531
Top View
PS4532
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N.C.
COMB
NO0B
NO3B
NO1B
NO2B
EN1
EN2
V–
GND
COMA
V+
NO0A
NO2A
NO1A
NO3A
N.C.
ADDB
ADDA
LE
Logic
PS4531
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N.C.
NOA
NOB
COMA
NCB
NCA
EN1
EN2
V–
GND
NOC
V+
NCC
COMC
COMB
ADDC
N.C.
ADDB
ADDA
LE
Logic
PS4532
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched
Analog Multiplexers/Switches
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901
NARROW DIP/WIDE SO
NARROW DIP/WIDE SO
NARROW DIP/WIDE SO
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N.C.
COM
NO1
NO7
NO3
NO5
EN1
EN2
N.C.
GND
NO0
V+
NO6
NO4
NO2
ADDC
N.C.
ADDB
ADDA
LE
Logic
PI5A4530


Similar Part No. - PS4530

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PS4530 PREMO-PS4530 Datasheet
225Kb / 7P
SMD Power Inductors Shielded
PS4530-102M PREMO-PS4530-102M Datasheet
225Kb / 7P
SMD Power Inductors Shielded
PS4530-103M PREMO-PS4530-103M Datasheet
225Kb / 7P
SMD Power Inductors Shielded
PS4530-152M PREMO-PS4530-152M Datasheet
225Kb / 7P
SMD Power Inductors Shielded
PS4530-222M PREMO-PS4530-222M Datasheet
225Kb / 7P
SMD Power Inductors Shielded
More results

Similar Description - PS4530

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
05-Aug-02
logo
Pericom Semiconductor C...
PS398 PERICOM-PS398 Datasheet
207Kb / 11P
Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
logo
Vishay Siliconix
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
10-Oct-05
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-May-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG9051 VISHAY-DG9051_11 Datasheet
182Kb / 13P
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
30-May-11
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
DG9053 VISHAY-DG9053_V01 Datasheet
239Kb / 14P
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
22-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com