Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4532 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PS4532
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4532 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PS4532 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Electrical Specifications - Dual Supplies
(V+ = +5V ±10%, V– = –5V ±10%, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX,
unless otherwise noted)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
M
)
2
(
p
y
T
)
2
(
x
a
M
)
2
(
s
t
i
n
U
h
c
t
i
w
S
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
V
,
M
O
C
V
,
O
N
V
_
C
N
e
t
o
N
)
3
(
–
V+
VV
e
c
n
a
t
s
i
s
e
R
n
O
l
e
n
n
a
h
CR N
O
I O
N
V
,
A
m
2
=
M
O
C
,
V
5
.
3
±
=
V
5
.
4
–
=
–
V
,
V
5
.
4
=
+
V
TA
C
°
5
2
+
=0
25
3
m
h
O
TA T
=
N
I
M
T
o
t
X
A
M
5
4
g
n
i
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
a
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
I O
N
V
,
A
m
2
=
M
O
C
,
V
5
.
3
±
=
V
5
.
4
–
=
–
V
,
V
5
.
4
=
+
V
TA
C
°
5
2
+
=6
8
TA T
=
N
I
M
T
o
t
X
A
M
80
1
s
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
O
)
5
(
R
)
N
O
(
T
A
L
F
I O
N
,
A
m
2
=
V
M
O
C
;
V
3
+
,
V
0
,
V
3
–
=
V
5
–
=
–
V
;
V
5
=
+
V
TA
C
°
5
2
+
=6
TA T
=
N
I
M
T
o
t
X
A
M
8
t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
-
O
N
)
6
(
I
)
F
F
O
(
O
N
V O
N
V
,
V
5
.
4
±
=
M
O
C
,
V
5
.
4
±
=
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
TA
C
°
5
2
+
=0
8
–1
0
.
00
8
n
Α
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
e
g
a
k
a
e
L
f
f
O
-
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
F
F
O
(
M
O
C
V
M
O
C
V
,
V
5
.
4
±
=
O
N
,
V
5
.
4
±
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
0
3
5
4
S
P
TA
C
°
5
2
+
=0
8
–1
0
.
00
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
V
M
O
C
V
,
V
5
.
4
±
=
O
N
,
V
5
.
4
±
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
,
1
3
5
4
S
P
2
3
5
4
S
P
TA
C
°
5
2
+
=0
8
–1
0
.
00
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
e
g
a
k
a
e
L
n
O
-
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
N
O
(
M
O
C
V
M
O
C
,
V
5
.
4
±
=
,
V
5
.
5
=
+
V
V
5
.
5
–
=
–
V
0
3
5
4
S
P
TA
C
°
5
2
+
=0
8
–1
0
.
00
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
,
1
3
5
4
S
P
2
3
5
4
S
P
TA
C
°
5
2
+
=0
8
–1
0
.
00
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com