Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4532 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PS4532
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4532 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PS4532 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 11Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 12Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 13Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 14Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 15Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Figure 4. Charge Injection
V+
LE
V+
COM
GND
V–
V–
NO_
ADDC
ADDB
ADDA
Channel
Select
EN1
EN2
50
Ohm
V+
CL = 1000pF
VEN1
VNO =0V
VOUT
VOUT
VEN1
V+
0V
∆V
OUT
∆V
OUT is the measured voltage resulting from charge-transfer
error Q when the channel turns off.
Q =
∆V
OUT x CL
V– = 0V for single-supply operation.
Repeat test for each section.
Figure 5. Off Isolation, On Loss, and Crosstalk
V+
LE
V+
COM_
NETWORK
ANALYZER
GND
V–
V–
NO_
ADDC
ADDB
ADDA
Channel
Select
EN2
EN1
V+
VIN
50
Ohm
50
Ohm
VOUT
Measurements are standardized against short at socket terminals.
Off isolation is measured between COM_ and OFF NO_ terminal on each switch.
On loss is measured between COM_ and ON terminal on each switch.
Crosstalk (PS4531/PS4532) is measured from one channel (A,B,C) to all other channels.
Signal direction through switch is reversed; worst values are recorded.
50
Ohm
MEASUREMENT
OFF ISOLATION = 20log
ON LOSS = 20log
CROSSTALK = 20log
REF
50
Ohm
VOUT
VIN
VOUT
VIN
VOUT
VIN
Figure 6. NO/COM Capacitance
V+
LE
V+
COM
GND
V–
V–
NO_
NO_
ADDC
ADDB
ADDA
Channel
Select
1MHz
CAPACITANCE
ANALYZER
EN2
EN1
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com