Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2035CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR2035CT
Description  20.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR2035CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR2035CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR2035CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 172 -
MBR2035CT THRU MBR20200CT
20.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 200 Volts
Current
20.0 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220 molded plastic
Terminals: Leads solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight:
0.08 ounce, 2.24 grams
TO-220
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBR20
35CT
MBR20
45CT
MBR20
50CT
MBR20
60CT
MBR20
100CT
MBR20
150CT
MBR20
200CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
100
150
200
V
Maximum RMS Voltage
VRMS
24
31
35
42
70
105
140
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
100
150
200
V
Maximum Average Forward Rectified Current
at TC=135
oC
I(AV)
20
A
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=135
oC
IFRM
20.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
1.0
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=10A, TC=25
OC
IF=10A, TC=125
OC
IF=20A, TC=25
OC
IF=20A, TC=125
OC
VF
-
0.57
0.84
0.72
0.80
0.70
0.95
0.85
0.85
0.75
0.95
0.85
0.99
0.87
1.23
1.10
V
0.1
0.15
1.0
Maximum Instantaneous Reverse Current @ Tc=25
℃
at Rated DC Blocking Voltage
@ Tc=125
℃
IR
15
20
mA
mA
Voltage Rate of Change, (Rated VR)
dV/dt
10,000
V/uS
Typical Junction Capacitance
Cj
400
320
pF
Typical Thermal Resistance Per Leg (Note 3)
R
θJC
1.0
2.0
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +175
℃
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg, with Heatsink Size (4”x6”x0.25”) Al-Plate.


Similar Part No. - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2035CT MOTOROLA-MBR2035CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2035CT DIODES-MBR2035CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2035CT GE-MBR2035CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2035CT MCC-MBR2035CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2035CT FAIRCHILD-MBR2035CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results

Similar Description - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2035CT TSC-MBRS2035CT Datasheet
81Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT Datasheet
98Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020 Datasheet
59Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020 Datasheet
78Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020_10 Datasheet
593Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com