Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCCSP Datasheet(PDF) 2 Page - Amkor Technology

Part # FCCSP
Description  a flip chip solution in a CSP package format.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

FCCSP Datasheet(HTML) 2 Page - Amkor Technology

  FCCSP Datasheet HTML 1Page - Amkor Technology FCCSP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
fcCSP
LAMINATE
Process Highlights
Die size (max)
Pkg size - 1 mm
Bump pitch (min)
Pkg size - 1 mm
In-line
150
µm
Minimum array
250
µm
Standard Materials
Package substrate
Hitachi FR5 E679 / BT
Bump
63/37 Sn/Pb
Encapsulant
Epoxy mold compound
Solder balls
Eutectic SnPb
Test Services
• Program generation/conversion
• Product engineering
• Wafer sort
• -55 °C to +165 °C test available
• Burn-in
Shipping
JEDEC trays
Tape and reel services
data sheet
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
Cross-section fcCSP
Package Offering (units in mm)
Body Size
Pitch
Ball Count
Matrix
8 x 8
1.0
49
Full
9 x 9
1.0
64
Full
10 x 10
1.0
81
Full
11 x 11
1.0
100
Full
12 x 12
1.0
121
Full
13 x 13
1.0
144
Full
14 x 14
1.0
169
Full
15 x 15
1.0
196
Full
6 x 6
0.8
49
Full
7 x 7
0.8
64
Full
8 x 8
0.8
64
Full
8 x 8
0.8
81
Full
9 x 9
0.8
100
Full
10 x 10
0.8
144
Full
11 x 11
0.8
169
Full
12 x 12
0.8
196
Full
3 x 3
0.5
25
Full
4 x 4
0.5
36
Full
5 x 5
0.5
48
2 Row
5 x 5
0.5
64
Full
6 x 6
0.5
64
2 Row
6 x 6
0.5
84
3 Row
7 x 7
0.5
80
2 Row
7 x 7
0.5
108
3 Row
8 x 8
0.5
96
2 Row
8 x 8
0.5
132
3 Row
9 x 9
0.5
156
3 Row
10 x 10
0.5
180
3 Row
Configuration Options:
fcBGA (Flip Chip BGA):
Moderate routing density, lowest cost flip chip package in intermediate ball
counts. Bare die or Single Piece Lid. Qualified with both BU and 4L thin core
substrates. Ball Count range is 256 - 1900 and Body Size range is 17 - 45 mm.
Ceramic fcBGA (Ceramic Flip Chip BGA):
Alumina or HiTCE flip chip packages with BGA, LGA, or SCI interconnect format.
Capability for high layer count enables most flexible format for different ground
and power planes. Available in bare die, AISiC Lid, or low cost Flat Lid.
Qualified in body sizes ti 45 mm HiTCE (BGA), 45 mm alumina (SCI) and 31
mm alumina (BGA).
Applications:
The fcCSP package is targeted to high-performance workstations, servers, data
communication products, internet routers and at high frequency and RF
packaging applications where electrical performance is critical. The elimination of
wirebond loops allows for a low inductance connection to the die, while the
increased routing density enables optimized electrical paths for critical high
frequency signal lines. The fcCSP is also an attractive option for portable and
handheld electronics where, in addition to performance, package size is critical.
Ceramic fcBGA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com