Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCCSP Datasheet(PDF) 1 Page - Amkor Technology

Part # FCCSP
Description  a flip chip solution in a CSP package format.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

FCCSP Datasheet(HTML) 1 Page - Amkor Technology

  FCCSP Datasheet HTML 1Page - Amkor Technology FCCSP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
fcCSP
Features:
Thermal Performance:
Electrical:
Reliability:
• Designed for high frequency applications
• 49 - 1800 ball counts
• Target Market - Cell Phones, Hand-held Electronics
• Thin core laminate or ceramic package construction
• Overmolded for handling and second level reliability
• Accommodates package sizes from 3 mm to 15 mm
• Flip Chip bump pitches of 150
µm min. for
peripheral array, 250
µm min. for area array
• Available in 0.5 mm - 1.0 mm BGA ball pitch,
as well as LGA interconnect
• Minimum nominal package thickness of 0.80 mm for
LGA interconnect, 1.0 mm for 0.5 mm BGA pitch,
1.2 mm for 0.8 mm pitch
• Turnkey Solution - Design, bumping, bumped wafer
probe, backgrind, assembly, test
• Much better signal to noise ratio at higher
frequencies (>1Ghz)
• Low inductance of flip chip bumps - short, direct
signal path
• Flexible customized substrate routing
Theta JA (°CW)
• 8 x 8 mm, 64 lead package with
1.75 mm x 2.27 mm die, 0.8 mm pitch,
0.6 mm mold cap
• 0 LFPM, 4 layer PC board
• Junction ambient thermal resistance = 48.1 °C/W
8 x 8 mm body, 64 ld, 0.8 mm ball pitch
Min
Max
Inductance
0.26 nH
2.16 nH
Capacitance
0.18 pF
0.38 pF
Resistance
7 mΩ
53.9 mΩ
Simulated results @ at 100 MHz
Package Level:
• Laminate Moisture
JEDEC Level 3 @ 240 °C
Sensitivity
30 °C/60% RH, 192 hours
• Ceramic Moisture
JEDEC Level 1 @ 260 °C
Sensitivity
85 °C/85% RH, 168 hours
• PCT
121 °C/100% RH, 96 hours
• Temp/Humidity
85 °C/85% RH, 1000 hours
• High temp storage
150 °C, 1000 hours
• Temp cycle
-55 °C/+125 °C, 1000 cycles
Board Level:
• Thermal cycle
-40 °C/+125 °C,
1 cycle/hour, 3000 cycles*
• Thermal cycle
-40 °C/+125 °C,
2 cycles/hour, 2500 cycles*
*Data for 8 x 8 mm body, 64 lead, 0.33 mm PWB NSMD pad size
fcCSP Packages:
Amkor Technology is now offering the Flip Chip CSP
(fcCSP) package — a flip chip solution in a CSP
package format. This package construction utilizes
eutectic tin/lead (63Sn/37Pb) flip chip interconnect
technology, in either area array or peripheral bump
layout, replacing standard wirebond interconnect. The
advantages of flip chip interconnect are twofold: it
provides enhanced electrical performance over
standard wirebond technology, and it allows for a
smaller form factor due to increased routing density,
the ability to use area array die bumps and the
elimination of wirebond loops. Current wafer bump
technology and flip chip assembly process allows for a
minimum of 150 µm peripheral flip chip bumping, or
250 µm area array bumping.
The fcCSP is based on Amkor's proprietary
ChipArray® BGA (CABGA) package construction,
using cutting edge thin core laminate substrates.
The package is assembled in strip format, gang
molded and saw singulated for manufacturing
efficiency and cost minimization. Laser ablated solder
mask technology, via-in-pad substrate structure, and
thin core substrate panel processing allow for
increased routing density and enhanced electrical
performance, making the fcCSP an attractive option
for advanced CSP applications where electrical
performance is a critical factor.
The fcCSP is available in both thin core laminate
substrate technology, as well as ceramic substrate
technology. Package size ranges from 3 mm to 15
mm, accommodating BGA ball pitches from 0.5 mm
to 1.0 mm. In addition to BGA technology, the fcCSP
is also available in LGA format, allowing for a lower
minimum package thickness.
The Ceramic flip chip package provides maximum
flexibility for designers for number of layers and
routing. Current production is from 300 - 1800 I/O
in LGA, BGA or SCI (solder column interposer)
formats, 1.27 mm and 1.0 mm pitch. AlSiC lids
can be attached for maximum thermal dissipation.
LAMINATE
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
DS577D
Rev Date: 07’05


Similar Part No. - FCCSP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
FCCSP AMKOR-FCCSP_V01 Datasheet
953Kb / 2P
Amkor Technology offers the Flip Chip CSP (fcCSP) package – a flip chip solution in a CSP package format.
04/20
More results

Similar Description - FCCSP

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
174Kb / 7P
CSP TVS Flip Chip TVS Diode Array
logo
California Micro Device...
CSPRC030 CALMIRCO-CSPRC030 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
logo
Cirrus Logic
CS98000 CIRRUS-CS98000 Datasheet
420Kb / 46P
DVD On-a-Chip Solution
logo
Yamaichi Electronics Co...
NP284-26409N YAMAICHI-NP284-26409N Datasheet
82Kb / 1P
Chip Scale Package (CSP, 0.50mm Pitch)
NP383-18010-N YAMAICHI-NP383-18010-N Datasheet
174Kb / 1P
Chip Scale Package -TH (CSP, 0.50mm Pitch)
logo
Texas Instruments
SN74F574DWRE4 TI-SN74F574DWRE4 Datasheet
641Kb / 13P
Eight D-Type Flip-Flops in a Single Package
logo
Formosa MS
QRDM-CSP01 FORMOSA-QRDM-CSP01 Datasheet
905Kb / 1P
Flip Chip CSP DIODE
logo
Lumileds Lighting Compa...
PB116 LUMILEDS-PB116 Datasheet
1Mb / 2P
High current density Chip Scale Package (CSP) LED
logo
NXP Semiconductors
MF0FCP2U1 NXP-MF0FCP2U1 Datasheet
66Kb / 5P
Flip chip package
Rev. 3.1-8 February 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com