Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCCSP Datasheet (PDF) - Amkor Technology

FCCSP Datasheet PDF - Amkor Technology
Part # FCCSP_V01
Download  FCCSP Download
File Size   953.7 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor Technology offers the Flip Chip CSP (fcCSP) package – a flip chip solution in a CSP package format.

FCCSP Datasheet (PDF)

Go To PDF Page Download Datasheet
FCCSP Datasheet PDF - Amkor Technology

Part # FCCSP_V01
Download  FCCSP Click to download

File Size   953.7 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor Technology offers the Flip Chip CSP (fcCSP) package – a flip chip solution in a CSP package format.

FCCSP Datasheet (HTML) - Amkor Technology


FCCSP Product details

APPLICATIONS
The fcCSP package is an attractive option for applications in which both performance and form factor are critical. Examples include high-performance mobile devices (including 5G), infotainment and ADAS for automotive and AI. Further, the benefits from low inductance and increased routing density enable optimized electrical paths for highfrequency signals, making fcCSP suitable for Baseband, RF and in-substrate antenna applications.

Features
Suitable for low and high-frequency applications
Low inductance of flip chip bumps – short, direct signal path
No technological limitation to BGA ball count
Target markets – mobile (AP, BB, RF, PMIC), automotive, consumer, connectivity, multi-die (side-by-side or stacked) applications requiring high-routing density
Custom package sizes and shapes with strip-based processing
Coreless, thin core, laminate and molded substrate construction
Bare die, overmolded, exposed die molded constructions
Accommodates package sizes from 1 x 1 mm2 to 25 x 25 mm2
Bump pitches down to 50 μm in-line and 30/60 μm staggered
BGA ball pitches down to 0.3 mm
Package thicknesses down to 0.35 mm
Turnkey solutions – design, bumping, wafer probe, assembly, final test
Exposed die molding available for low-profile and thermal applications
Heat spreader attach available for high-power devices
Bottom side chip attach available for AiP applications (POSSUM™)
Mass reflow and thermal compression chip attach available




Similar Part No. - FCCSP_V01

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
FCCSP AMKOR-FCCSP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
More results


Similar Description - FCCSP_V01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
174Kb / 7P
CSP TVS Flip Chip TVS Diode Array
logo
California Micro Device...
CSPRC030 CALMIRCO-CSPRC030 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
logo
Yamaichi Electronics Co...
NP284-26409N YAMAICHI-NP284-26409N Datasheet
82Kb / 1P
Chip Scale Package (CSP, 0.50mm Pitch)
NP383-18010-N YAMAICHI-NP383-18010-N Datasheet
174Kb / 1P
Chip Scale Package -TH (CSP, 0.50mm Pitch)
logo
Formosa MS
QRDM-CSP01 FORMOSA-QRDM-CSP01 Datasheet
905Kb / 1P
Flip Chip CSP DIODE
logo
Lumileds Lighting Compa...
DS116 LUMILEDS-DS116 Datasheet
1Mb / 17P
High current density Chip Scale Package (CSP) LED
PB116 LUMILEDS-PB116 Datasheet
1Mb / 2P
High current density Chip Scale Package (CSP) LED
logo
NXP Semiconductors
MF0FCP2U1 NXP-MF0FCP2U1 Datasheet
66Kb / 5P
Flip chip package
Rev. 3.1-8 February 2007
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com