Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCCSP Datasheet(PDF) 1 Page - Amkor Technology

Part # FCCSP
Description  Amkor Technology offers the Flip Chip CSP (fcCSP) package – a flip chip solution in a CSP package format.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

FCCSP Datasheet(HTML) 1 Page - Amkor Technology

  FCCSP_V01 Datasheet HTML 1Page - Amkor Technology FCCSP_V01 Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The fcCSP package is assembled on a laminate or mold-based substrate
with or without a core. The package is processed in strip format for
manufacturing efficiency and to minimize cost and enables bare die,
overmolded and exposed die structures. The thermal challenges of high-
power devices can be managed by applying an integrated heat spreader.
Antenna in Package (AiP) can be enabled with the use of bottom side chip
attach (POSSUM™). Finally, when coupled with copper pillar bumped die,
fcCSP technology takes advantage of fine line/space substrate routing
and bump pitch to reduce layer count and cost while increasing electrical
performance.
Features
f
Suitable for low and high-frequency applications
f
Low inductance of flip chip bumps – short, direct signal path
f
No technological limitation to BGA ball count
f
Target markets – mobile (AP, BB, RF, PMIC), automotive, consumer,
connectivity, multi-die (side-by-side or stacked) applications requiring
high-routing density
f
Custom package sizes and shapes with strip-based processing
f
Coreless, thin core, laminate and molded substrate construction
f
Bare die, overmolded, exposed die molded constructions
f
Accommodates package sizes from 1 x 1 mm2 to 25 x 25 mm2
f
Bump pitches down to 50 µm in-line and 30/60 µm staggered
f
BGA ball pitches down to 0.3 mm
f
Package thicknesses down to 0.35 mm
f
Turnkey solutions – design, bumping, wafer probe, assembly, final test
f
Exposed die molding available for low-profile and thermal applications
f
Heat spreader attach available for high-power devices
f
Bottom side chip attach available for AiP applications (POSSUM™)
f
Mass reflow and thermal compression chip attach available
Amkor Technology offers the Flip Chip CSP (fcCSP) package – a flip
chip solution in a CSP package format. This package construction
can be used with all of Amkor’s available bumping options (copper
pillar, Pb-free solder, eutectic), while enabling flip chip interconnect
technology in area array and, when replacing standard wirebond
interconnect, in a peripheral bump layout. There are multiple
advantages to flip chip interconnect; it provides enhanced electrical
performance over standard wirebond technology, it allows for a
smaller form factor due to increased routing density and it eliminates
the z-height impact of wirebond loops.
Flip Chip CSP (fcCSP)
DATA SHEET | LAMINATE PRODUCTS
APPLICATIONS
The fcCSP package is an attractive
option for applications in which
both performance and form factor
are critical. Examples include
high-performance mobile devices
(including 5G), infotainment and
ADAS for automotive and AI. Further,
the benefits from low inductance
and increased routing density enable
optimized electrical paths for high-
frequency signals, making fcCSP
suitable for Baseband, RF and
in-substrate antenna applications.
PROCESS HIGHLIGHTS
f
Die size: 0.5 x 0.5 mm2 to 16 x 16 mm2
f
Package size: 1 x 1 mm2 to 25 x 25 mm2
f
Bump pitch (LF or eutectic)
▷ As low as: 80 μm
f
Bump pitch (Cu pillar)
▷ As low as: 30/60 μm


Similar Part No. - FCCSP_V01

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
FCCSP AMKOR-FCCSP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
More results

Similar Description - FCCSP_V01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
174Kb / 7P
CSP TVS Flip Chip TVS Diode Array
logo
California Micro Device...
CSPRC030 CALMIRCO-CSPRC030 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
logo
Yamaichi Electronics Co...
NP284-26409N YAMAICHI-NP284-26409N Datasheet
82Kb / 1P
Chip Scale Package (CSP, 0.50mm Pitch)
NP383-18010-N YAMAICHI-NP383-18010-N Datasheet
174Kb / 1P
Chip Scale Package -TH (CSP, 0.50mm Pitch)
logo
Formosa MS
QRDM-CSP01 FORMOSA-QRDM-CSP01 Datasheet
905Kb / 1P
Flip Chip CSP DIODE
logo
Lumileds Lighting Compa...
DS116 LUMILEDS-DS116 Datasheet
1Mb / 17P
High current density Chip Scale Package (CSP) LED
PB116 LUMILEDS-PB116 Datasheet
1Mb / 2P
High current density Chip Scale Package (CSP) LED
logo
NXP Semiconductors
MF0FCP2U1 NXP-MF0FCP2U1 Datasheet
66Kb / 5P
Flip chip package
Rev. 3.1-8 February 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com