Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCCSP Datasheet(PDF) 2 Page - Amkor Technology

Part # FCCSP
Description  Amkor Technology offers the Flip Chip CSP (fcCSP) package – a flip chip solution in a CSP package format.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

FCCSP Datasheet(HTML) 2 Page - Amkor Technology

  FCCSP_V01 Datasheet HTML 1Page - Amkor Technology FCCSP_V01 Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
▷
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2020 Amkor Technology, Incorporated. All Rights Reserved. DS577I-EN Rev Date: 04/20
Visit amkor.com or email sales@amkor.com for more information.
Flip Chip CSP (fcCSP)
Standard Materials
f
Substrate
▷ Laminate: Prepreg, ABF
▷ Molded
▷ Supplier base: Extensive experience with all
major suppliers of substrates & substrate
materials
f
Bump: Cu pillar, Pb-free solder, eutectic solder
f
Underfill: Epoxy mold compound (MUF), capillary
materials (CUF)
f
Encapsulant: Epoxy mold compound
f
Solder balls: Pb-Free
Cross Sections
Test Services
f
Program generation/conversion
f
Product engineering
f
Wafer sort
f
-55°C to +165°C test available
f
Burn-in capabilities
f
Tape and reel services
Shipping
f
JEDEC trays
Bare die, capillary underfill
Exposed die molded, capillary underfill
Exposed die molded, capillary underfill
plate heatsink
Overmolded, capillary underfill
Overmolded, molded underfill
Exposed die, molded underfill
Exposed die molded, molded underfill
plate heatsink
POSSUM™ antenna in package,
molded underfill



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com