Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBGA Datasheet(PDF) 2 Page - Amkor Technology

Part # PBGA
Description  Innovative designs and expanding package offerings provide a platform from prototype-to-production
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PBGA Datasheet(HTML) 2 Page - Amkor Technology

  PBGA Datasheet HTML 1Page - Amkor Technology PBGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PBGA
LAMINATE
data sheet
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
Process Highlights
Die thickness (max)
13 mils
Bond pad pitch (min)
2.4 mils
Marking
Laser
Ball inspection
Optical
Pack / Ship options
JEDEC trays, Dry pack
Wafer backgrinding
Available
Standard Materials
Package Substrate:
CCL-HL832
Die attach:
Ablestik 2300
Au wire:
25 µm or 30 µm
Mold compound:
Nitto GE 100L
Solder balls:
63 Sn / 37 Pb
Test Services
Program generation/conversion
Product engineering
Wafer sort
256 Pin x 20 MHz test system available
-55 °C to + 125 °C test available
Tape and Reel services
Burn-in
Shipping
Low profile tray (JEDEC Outline CO-029)
BODY
BALL
BALL
BALL
BALL
PCB THICKNESS
MOLD
TOTAL PACKAGE
SIZE
COUNT
PITCH
MATRIX
DIAM.
2 LYR
4 LYR
CAP
THICKNESS
THK
2 LYR
4LYR
13.0 x 13.0
144
1.0
12 x 12 F
0.51
0.32
0.56
0.80
1.52
1.76
14.0 x 22.0
119
1.27
7 x 17 F
0.76
0.32
0.56
0.90
1.82
2.06
153
1.27
9 x 17 F
0.76
0.32
0.56
0.90
1.82
2.06
15.0 x 15.0
121
1.27
11 x 11 F
0.76
0.32
0.56
1.17
2.09
2.33
156/160
1.00
14 x 14 P
0.51
0.32
0.56
0.80
1.52
1.76
196
1.00
14 x 14 F
0.51
0.32
0.56
0.80
1.52
1.76
17.0 x 17.0 192/208
1.00
16 x 16 P
0.51
0.32
0.56
0.80
1.52
1.76
256
1.00
16 x 16 F
0.51
0.32
0.56
0.80
1.52
1.76
19.0 x 19.0
240
1.00
18 x 18 P
0.51
0.32
0.56
0.80
1.52
1.76
289
1.00
17 x 17 P
0.51
0.32
0.56
0.80
1.52
1.76
324
1.00
18 x 18 P
0.51
0.32
0.56
0.80
1.52
1.76
23.0 x 23.0
169
1.50
13 x 13 F
0.76
0.32
0.56
1.17
2.09
2.33
208/217
1.27
17 x 17 P
0.76
0.32
0.56
1.17
2.09
2.33
240/249
1.27
17 x 17 P
0.76
0.32
0.56
1.17
2.09
2.33
289
1.27
17 x 17 F
0.76
0.32
0.56
1.17
2.09
2.33
288/324
1.00
22 x 22 P
0.63
0.32
0.56
1.17
1.99
2.23
484
1.00
22 x 22 F
0.63
0.32
0.56
1.17
1.99
2.23
27.0 x 27.0
225
1.50
15 x 15 F
0.76
0.32
0.56
1.17
2.09
2.33
256/272
1.27
20 x 20 P
0.76
0.32
0.56
1.17
2.09
2.33
300/316
1.27
20 x 20 P
0.76
0.32
0.56
1.17
2.09
2.33
356
1.27
20 x 20 P
0.76
0.32
0.56
1.17
2.09
2.33
400
1.27
20 x 20 F
0.76
0.32
0.56
1.17
2.09
2.33
416
1.00
26 x 26 P
0.63
0.32
0.56
1.17
1.99
2.23
676
1.00
26 x 26 F
0.63
0.32
0.56
1.17
1.99
2.23
31.0 x 31.0 304/329
1.27
23 x 23 P
0.76
0.52
0.56
1.17
2.29
2.33
360/385
1.27
23 x 23 P
0.76
0.52
0.56
1.17
2.29
2.33
529
1.27
23 x 23 F
0.76
0.52
0.56
1.17
2.29
2.33
516
1.00
30 x 30 P
0.63
0.52
0.56
1.17
2.19
2.23
900
1.00
30 x 30 F
0.63
0.52
0.56
1.17
2.19
2.23
35.0 x 35.0
313
1.27
25 x 25 S
0.76
0.52
0.56
1.17
2.29
2.33
352/388
1.27
26 x 26 P
0.76
0.52
0.56
1.17
2.29
2.33
420/456
1.27
26 x 26 P
0.76
0.52
0.56
1.17
2.29
2.33
452
1.27
26 x 26 P
0.76
0.52
0.56
1.17
2.29
2.33
809
1.27
26 x 26 F
0.76
0.52
0.56
1.17
2.29
2.33
580
1.00
34 x 34 P
0.63
0.52
0.56
1.17
2.19
2.23
680
1.00
34 x 34 P
0.63
0.52
0.56
1.17
2.19
2.23
1,156
1.00
34 x 34 F
0.63
0.52
0.56
1.17
2.19
2.23
37.5 x 37.5
524
1.27
28 x 28 P
0.76
0.52
0.56
1.17
2.29
2.33
784
1.27
28 x 28 F
0.76
0.52
0.56
1.17
2.29
2.33
40.0 x 40.0
564
1.27
30 x 30 P
0.76
0.52
0.56
1.17
2.29
2.33
900
1.27
30 x 30 F
0.76
0.52
0.56
1.17
2.29
2.33
PBGA Standard Package Offering (mm)
NOTE: All measurements in mm.
P = Perimeter
F = Full Array
S = Stagger
= Maximum possible ball count (may not be
tooled). Additional depopulated options
are available. Contact account manager
for additional tooling.
PBGA Cross Section



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com