Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBGA Datasheet(PDF) 1 Page - Amkor Technology

Part # PBGA
Description  Innovative designs and expanding package offerings provide a platform from prototype-to-production
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PBGA Datasheet(HTML) 1 Page - Amkor Technology

  PBGA Datasheet HTML 1Page - Amkor Technology PBGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
PBGA
LAMINATE
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
Innovative designs and expanding package offerings provide
a platform from prototype-to-production.
• Custom ball counts up to 1521
• 1.00, 1.27 & 1.50 mm ball pitch available
• 13 mm to 40 mm body sizes
• Low Profile and lightweight
• Thermal and electrical enhancement capable
• Highly flexible internal routing of signal, power and ground
for device performance and system compatibility
• HDI designs possible
• Suitable substrate for multi-die and integrated SMT structures
• Mature strip based manufacturing process with high yields
• Full in-house design capability
• Quickest design-to-prototype delivery
• Perimeter, stagger and full ball arrays
• Special packaging for memory available
• Multi-layer, ground / power
• JEDEC MS-034 standard outlines
• Excellent reliability
• 63 Sn / 37 Pb Eutectic solder balls
Multi layer PCB, 0 air flow
PCB
Cu
Theta JA
Pkg
Body Size Layer Thickness
(°C/W)
272
27.0 x 27.0
2
N/A
22
388
35.0 x 35.0
2
N/A
19
272
27.0 x 27.0
4
36 µm19
388
35.0 x 35.0
4
36 µm16
356* TE
27.0 x 27.0
4
72 µm16
452* TE
35.0 x 35.0
4
72 µm14
356**TE-2 27.0 x 27.0
4
72 µm
13.5
452**TE-2 35.0 x 35.0
4
72 µm12
*TEPBGA **TEPBGA-2
Results dependent on body size, die size, and PCB design.
Amkor assures you reliable performance by continuously
monitoring key indices:
• Moisture sensitivity
JEDEC Level 3
characterization
30 °C/60% RH/192 hours
• High temp op life
125 °C, 6V, 1000 hours
• Autoclave or unbiased hast 130 °C/85% RH/96 hours
• High temp storage
150 °C, 1000 hours
• Temp cycle
-55/+125 °C, 1000 cycles
Plastic Ball Grid Array
(PBGA):
Amkor’s PBGAs incorporate the most advanced
assembly processes and designs for today’s and
tomorrow’s cost/performance applications. This
advanced IC package technology allows application
and design engineers to optimize innovations
while maximizing the performance characteristics
of semiconductors. Amkor’s PBGAs are designed
for low inductance, improved thermal operation
and enhanced SMT ability. Custom performance
enhancements, like ground and power planes, are
available for significant improvements in electrical
response demanded by advancing electronics.
Additionally, these PBGAs utilize industry proven,
semiconductor grade materials for reliable, long-
term operations while providing the user flexible
design parameters.
Applications:
Semiconductor technologies find enhanced
performance by using the integrated design
features of Amkor’s PBGAs. Microprocessors /
controllers, ASICs, Gate Arrays, memory, DSPs,
PLDs, graphics and PC chip sets find Amkor’s
PBGA family to be an ideal package. Applications
requiring improved portability, form-factor/size
and high-performance such as cellular, wireless
telecommunications, PCMCIA cards, global posi-
tioning systems (GPS), laptop PC's, video cameras,
disc drives, PLDs, graphics and other similar
products benefit from Amkor's PBGA attributes.
DS 520L
Rev Date: 05’07
.
Thermal Resistance:
Reliability:
Features:


Similar Part No. - PBGA

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PBGA AMKOR-PBGA Datasheet
411Kb / 2P
Silver Wirebonding
02/22
PBGA AMKOR-PBGA_V01 Datasheet
790Kb / 3P
Amkor’s PBGA/TEPBGA packages incorporate the most advanced assembly processes and designs for cost/performance applications.
12/20
More results

Similar Description - PBGA

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CBGA AMKOR-CBGA Datasheet
504Kb / 1P
From innovative designs and expanding package offerings, Amkor provides a platform from prototype-to-production.
MCMPBGA AMKOR-MCMPBGA Datasheet
129Kb / 2P
Innovative designs and expanding package offerings provide a platform from prototype-to-production
logo
RF Monolithics, Inc
SF2110D RFM-SF2110D Datasheet
259Kb / 6P
For prototype or pre-production sample please contact RFM Sales.
logo
TE Connectivity Ltd
20EHZ6 TEC-20EHZ6 Datasheet
301Kb / 2P
Designed to provide good attenuation from 10kHz to 30MHz
logo
Tyco Electronics
C-1513169 MACOM-C-1513169 Datasheet
98Kb / 1P
release to production
logo
Littelfuse
FPS LITTELFUSE-FPS Datasheet
2Mb / 2P
The FPS Feeder Protection System monitors voltage and current to provide a comprehensive package of 17 protective functions
logo
TE Connectivity Ltd
C-293234 TEC-C-293234 Datasheet
441Kb / 3P
RELEASED FOR PRODUCTION FROM -1 TO -9
logo
BusBoard Prototype Syst...
SB300 BUSBOARD-SB300 Datasheet
980Kb / 1P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
SB400 BUSBOARD-SB400 Datasheet
1Mb / 1P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
SB404 BUSBOARD-SB404 Datasheet
2Mb / 3P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com