Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2050CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2050CT
Description  Isolation 20.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2050CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF2050CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2050CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 174 -
M B R F2035C T TH R U M B R F20200C T
Isolation 20.0 A M P S . S chottky B arrier R ectifiers
V oltage R ange
35 to 200 V olts
C urrent
20.0 A m peres
Features
P lastic m aterial used carries U nderw riters
Laboratory C lassifications 94V -0
M etal silicon junction, m ajority carrier conduction
Low pow er loss, high efficiency
H igh current capability, low forw ard voltage drop
H igh surge capability
For use in low voltage, high frequency inverters,
free w heeling, and polarity protection applications
G uardring for overvoltage protection
H igh tem perature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35m m )from case
M echanical D ata
C ases: ITO -220A B m olded plastic
Term inals: Leads solderable per M IL-S TD -750,
M ethod 2026
P olarity: A s m arked
M ounting position: A ny
M ounting torque: 5 in. - lbs. m ax
W eight:
0.08 ounce, 2.24 gram s
ITO -220A B
D im ensions in inch es and (m illim eters)
M axim um R atings and E lectrical C haracteristics
R ating at 25
℃ ambient temperature unless otherwise specified.
S ingle phase, half w ave, 60 H z, resistive or inductive load.
For capacitive load, derate current by 20%
Type N um ber
Sym bol
M BRF
2035
CT
M BRF
2045
CT
M BRF
2050
CT
M BRF
2060
CT
M BRF
20100
CT
M BRF
20150
CT
MB R F
20200
CT
Units
M axim um R ecurrent P eak R everse V oltage
V RRM
35
45
50
60
100
150
200
V
Maximum R M S V oltage
V RMS
24
31
35
42
70
105
140
V
M axim um D C B locking V oltage
V DC
35
45
50
60
100
150
200
V
M axim um A verage Forw ard R ectified C urrent at
TC=135
oC
Total device
P er Leg
I(AV)
20
10
A
P eak R epetitive Forw ard C urrent P er leg (R ated V R,
S quare W ave, 20K H z) at Tc=135
oC
IFRM
20.0
A
P eak Forw ard S urge C urrent, 8.3 m s S ingle H alf
S ine-w ave S uperim posed on R ated Load (JE D E C
m ethod )
IFSM
150
A
P eak R epetitive R everse S urge C urrent (N ote 1)
IRRM
1.0
0.5
A
M axim um Instantaneous Forw ard V oltage at (N ote 2)
IF=10A , Tc=25
O C
IF=10A , Tc=125
O C
IF=20A , Tc=25
O C
IF=20A , Tc=125
O C
V F
-
0.57
0.84
0.72
0.80
0.70
0.95
0.85
0.85
0.75
0.95
0.85
0.99
0.87
1.23
1.10
V
M axim um Instantaneous R everse C urrent @ Tc=25
℃
at R ated D C B locking V oltage
@ Tc=125
℃
IR
0.1
15.0
0.15
150.0
mA
V oltage R ate of C hange, (R ated V R)
dV /dt
10,000
V/uS
Typical Therm al R esistance P er Leg (N ote 3) R
θ JC
R
θ JC
1.5
3.5
℃ /W
Typical Junction C apacitance
Cj
400
310
pF
R M S Isolation V oltage (M B R F Type O nly) from
Term inals to H eatsink w ith t=1.0 S econd, R H
≦ 30%
V ISO
4500 (N ote 4)
3500 (N ote 5)
1500 (N ote 6)
V
O perating Junction Tem perature R ange TJ
TJ
-65 to +150
℃
S torage Tem perature R ange TSTG
TSTG
-65 to +175
℃
N otes: 1. 2.0us P ulse W idth, f=1.0 K H z
2. P ulse Test: 300us P ulse W idth, 1% D uty C ycle
3. T herm al R esistance from Junction to C ase P er Leg, w ith H eatsink S ize (4”x6”x0.25”) A l-P late
4. C lip m ounting (on case), w here lead does not overlap heatsink w ith 0.110” offset.
5. C lip M ounting (on case), w here leads do overlap heatsink.
6. S crew M ounting w ith 4-40 screw , w here w asher diam eter is
≦ 4.9 mm (0.19”)
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
PIN 1
PIN 3
PIN 2


Similar Part No. - MBRF2050CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF2050CT GE-MBRF2050CT Datasheet
124Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Micro Commercial Compon...
MBRF2050CT MCC-MBRF2050CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRF2050CT GOOD-ARK-MBRF2050CT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2050CT TSC-MBRF2050CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF2050CT VISHAY-MBRF2050CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results

Similar Description - MBRF2050CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2035CT TSC-MBRS2035CT Datasheet
81Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT Datasheet
98Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020 Datasheet
59Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020 Datasheet
109Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020 Datasheet
78Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com