Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIP Datasheet(PDF) 1 Page - Amkor Technology

Part # PDIP
Description  Amkor?셲 PDIP packages offer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PDIP Datasheet(HTML) 1 Page - Amkor Technology

  PDIP Datasheet HTML 1Page - Amkor Technology PDIP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
PDIP
Features:
Reliability:
Amkor’s PDIP packages offer:
• 300 mil body width - 8, 14, 16, 18, 20, 22, 24 lead
counts available
• 288 mil body width - 28 lead count available
• 400 mil body width - 22 - 30 lead counts available
• 600 mil body width - 24, 28, 32, 40, 42, 48, 52 lead
counts available
• 750 mil body width - 64 lead count available
• High conductivity copper leadframe
• Fused-lead custom configurations
• JEDEC standard compliant
• Wide selection of available pad sizes to meet most die
size needs
• Custom leadframe design capability
• Multi-chip packaging capability
• Full internal electrical test
• Strip Test capability
PDIP and SPDIP are tested to assure reliable, long term
operation of your die.
• PCT
121 °C, 2 atm, 168 hours
• Temp cycle
-65/+150 °C, 1000 cycles
• Temp/humidity
85 °C/85% RH, 1000 hours
• High temp storage
150 °C, 1000 hours
Plastic Dual In-Line
(PDIP) Packages:
Amkor is committed to continuing to
service this long established standard
industry package. The Amkor PDIP
comes in a wide range of lead counts:
from 8 - 48 leads with a lead pitch of
100 mils. Amkor also provides the
SPDIP package which is a shrink version
of the PDIP with a 70 mil lead pitch and
lead counts ranging from 30 - 64 leads.
The SPDIP provides the option of
decreasing the package size while main-
taining the same lead count. The SPDIP
decreases the board space required on
the PCB to help meet ever-shrinking
space requirements.
LEADFRAME
www.amkor.com
Applications:
Along with the other standard industry packages, the PDIP has a proven track record and is still being used by semiconductor technologies such
as logic, memory, microcontrollers, and video controllers. Some end applications are consumer electronics, commercial electronics, automotive
and telecommunications.
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
DS397D
Rev Date: 07’03


Similar Part No. - PDIP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PDIP AMKOR-PDIP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
Analog Microelectronics
PDIP-40 AME-PDIP-40 Datasheet
53Kb / 1P
A : MIN 3.300 MAX 4.200 B : MIN 0.018 MAX 0.570
PDIP-8 AME-PDIP-8 Datasheet
53Kb / 1P
A : MIN 0.13 MAX - B : MIN 6.10 MAX 7.10
logo
Banner Engineering Corp...
PDIP1100T5X BANNER-PDIP1100T5X Datasheet
15Mb / 42P
Fiber Optic Systems
PDIP1100TMB5X BANNER-PDIP1100TMB5X Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - PDIP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1465A CYPRESS-CYM1465A Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
logo
Amkor Technology
MQFP AMKOR-MQFP Datasheet
389Kb / 2P
Amkor?셲 MQFP IC package portfolio provides
PLCC AMKOR-PLCC Datasheet
387Kb / 2P
Amkor?셲 PLCC IC package portfolio provides
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Maxim Integrated Produc...
21-0043 MAXIM-21-0043 Datasheet
43Kb / 1P
PACKAGE OUTLINE, PDIP.300
Rev E
logo
COSMO Electronics Corp...
KLE06WXX4 COSMO-KLE06WXX4 Datasheet
99Kb / 6P
Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
logo
List of Unclassifed Man...
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
logo
COSMO Electronics Corp...
KLE06WXX3 COSMO-KLE06WXX3 Datasheet
90Kb / 6P
Cosmo?셲 high power LED packages
KLE00WXX1 COSMO-KLE00WXX1 Datasheet
119Kb / 6P
Cosmo?셲 high power LED packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com