Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIP Datasheet(PDF) 2 Page - Amkor Technology

Part # PDIP
Description  Amkor?셲 PDIP packages offer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PDIP Datasheet(HTML) 2 Page - Amkor Technology

  PDIP Datasheet HTML 1Page - Amkor Technology PDIP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PDIP
LEADFRAME
Process Highlights
Die thickness (max)
25 mils
Strip solder plating
85/15 Sn/Pb or 100% Sn
Marking
Pad & Laser
Lead inspection
Optical
Pack/ship options
Bar code
Test Services
• Program generation/Conversion
• Product engineering
• Wafer sort
• Ambient to +165 °C test available
• Burn-in
Shipping
Clear anti-static tube
20 inch
data sheet
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
PDIP Nominal Package Dimensions
Configuration Options:
Body
Body
Lead
Lead
Units
Lead
Thkns
Length
Pitch
Form/Standoff
Amkor
JEDEC
Per
Count
(mils)
(mils)
(mils)
(mils)
Dwg No. Dwg No. Tube
SSPPDDIIPP
300 mil (7.5 mm)
22
130
1030
100
15
00294
MS-001
18
400 mil (10.16 mm)
30
150
1095
70
20
31286
MO-026
20
600 mil (16.00 mm)
42
150
1450
70
20
31289
MO-020
13
52
150
1810
70
20
31291
MO-020
11
56
150
2060
70
20
31291
MO-020
11
750 mil (18.9 mm)
64
150
2273
70
20
31292
MO-021
9
PPDDIIPP
300 MIL (7.5 mm)
8 1/2
130
365
100
15
00290
MS-001
50
14 full
130
750
100
15
00291
MS-001
25
16 1/2
130
750
100
15
30170
MS-001
25
18 full
130
900
100
15
00292
MS-001
20
20 full
130
1030
100
15
00293
MS-001
18
24 full
130
1250
100
15
30124
N/A
15
288/300 mil
28 - 3/4
130
1365
100
20
30791
MO-095
14
400 mil (10.16 mm)
22 full
150
1095
100
15
30125
MO-010
20
600 mil (15.00 mm)
24 full
150
1250
100
15
00289
MS-011
16
28 full
150
1450
100
15
00286
MS-011
13
32 full
150
1650
100
15
00255
MS-011
11
40 full
150
2060
100
15
00284
MS-011
9
48 full
160
2430
100
15
30123
MS-011
7
Cross-section PDIP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com