Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC Datasheet(PDF) 1 Page - Amkor Technology

Part # PLCC
Description  Amkor?셲 PLCC IC package portfolio provides
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PLCC Datasheet(HTML) 1 Page - Amkor Technology

  PLCC Datasheet HTML 1Page - Amkor Technology PLCC Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
PLCC
Features:
Thermal Resistance:
Electrical:
Reliability:
LEADFRAME
www.amkor.com
Plastic Leaded Chip
Carrier (PLCC)
Packages:
Amkor’s PLCC offerings cover the total
range offered by the industry. It includes all
square body packages from 20 lead through
84 lead. Also included is the rectangular
body format of the 32 lead. All PLCC
products are offered with and without
heatspreaders. The heatspreader versions
are identical in form factor to the standard
non-heatspreader versions. Both versions
are JEDEC compliant in all respects. The
heatspreader versions give the system
designer greater latitude in thermally
enhanced board level and/or system design.
All products utilize the most advanced
manufacturing equipment offered today.
Lead free and green material set are
qualified.
Applications:
Amkor’s PLCC product family was engi-
neered to meet JEDEC requirements for “J”
leaded surface mount packages. As such,
they take up less board space than equiva-
lent “gull” formed product in the same body
size. Due to the flexibility and performance
offered, most industry circuit types can be
designed into this product. This would
include memory, processors and controllers,
ASIC, DSP, PC chipset, to name a few.
Applications range from consumer through
automotive and aerospace.
Amkor’s PLCC IC package portfolio provides:
• .352” x .352” to 1.152” x 1.152” body size
• 20 to 84 lead counts
• JEDEC standard compliant
• Available with heatspreader option
• Fine pitch wire bond capability
Multi-Layer PCB
Theta JA (°C/W) by Velocity
Body Size
Pad Size
Pkg
(mm)
(mm)
0
200
500
44 ld
16.6 x 16.6
7.8 x 7.8
30.0
24.5
22.0
44 ld*
16.6 x 16.6
7.8 x 7.8
24.4
19.0
16.6
*With Drop-in heatspreader option
Tested @ 1W
Self
Bulk
Self
Body Size Pad Size
Inductance Capacitance Resistance
Pkg
(mm)
(mm)
Lead
(nH)
(pF)
(mΩ)
20 ld 8.9 x 8.9 220 x 220 Longest 2.110
0.596
13.5
Shortest 1.780
0.583
11.1
Simulated Results @ 100 MHz
Amkor’s PLCCs are reliability assured through optimized design,
material and process enabling high performance operation of your
IC chip.
• Moisture sensitivity
JEDEC Level 3
characterization
30 °C/60% - 192 hrs, SAT-192 hrs
• PCT
121 °C, 2 atm, 100%RH, 504 hours
• Temp cycle
-65/150 °C, 1000 cycles
• Temp/Humidity
85 °C/85% RH, 1000 hours
• High temp storage
150 °C, 1000 hours
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
DS293D
Rev Date: 07’03


Similar Part No. - PLCC

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PLCC PANASONICBATTERY-PLCC Datasheet
156Kb / 1P
High Brightness Red LEDs with a PLCC4 and PLCC6 Package!
logo
Amkor Technology
PLCC AMKOR-PLCC Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
List of Unclassifed Man...
PLCC ETC-PLCC Datasheet
229Kb / 2P
PLCC SOCKET ~ THROUGH HOLE
logo
Samtec, Inc
PLCC-020-T-N SAMTEC-PLCC-020-T-N Datasheet
372Kb / 1P
SMT DIP CHIP CARRIER SOCKETS
PLCC-068-F-A SAMTEC-PLCC-068-F-A Datasheet
1Mb / 1P
SMT DIP & CHIP CARRIER SOCKETS
More results

Similar Description - PLCC

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CBGA AMKOR-CBGA Datasheet
504Kb / 1P
From innovative designs and expanding package offerings, Amkor provides a platform from prototype-to-production.
MQFP AMKOR-MQFP Datasheet
389Kb / 2P
Amkor?셲 MQFP IC package portfolio provides
PDIP AMKOR-PDIP Datasheet
393Kb / 2P
Amkor?셲 PDIP packages offer
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
IC SOCKETS PLCC
logo
Everlight Electronics C...
45-21-XK2C-BXXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXXX-2T Datasheet
434Kb / 16P
PLCC-2 package
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
IC SOCKETS PLCC
logo
EHAOAN.
EH-2835S850-10120 EHAOAN-EH-2835S850-10120 Datasheet
2Mb / 9P
White PLCC package
EH-2835S850-14120 EHAOAN-EH-2835S850-14120 Datasheet
2Mb / 9P
White PLCC package
EH-2835S850-1430 EHAOAN-EH-2835S850-1430 Datasheet
2Mb / 9P
White PLCC package
EH-2835S940-1460 EHAOAN-EH-2835S940-1460 Datasheet
3Mb / 9P
White PLCC package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com