Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC Datasheet(PDF) 2 Page - Amkor Technology

Part # PLCC
Description  Amkor?셲 PLCC IC package portfolio provides
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PLCC Datasheet(HTML) 2 Page - Amkor Technology

  PLCC Datasheet HTML 1Page - Amkor Technology PLCC Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PLCC NOMINAL PACKAGE DIMENSIONS
PLCC
LEADFRAME
Process Highlights
Die thickness (max)
25 mils
Strip solder plating
85/15 Sn/Pb or
100% Sn
Strip marking
Laser/pad/offset
Lead inspection
Optical
Pack/ship options
Bar code
Test Services
• Program/generation/conversion
• Product engineering
• Wafer sort
• 256 pin x 20 MHz test system available
• -55 °C to +165 °C test available
• Burn-in
Shipping
Clear antistatic tube 20 inches
data sheet
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
Configuration Options:
Cross-section PLCC
Body
Amkor
JEDEC
Qty Per
Lead Count
Body Size
Thickness
Lead Pitch
Lead Form
Dwg No.
Dwg No.
Tube
Square
20
.352 x .352
0.152
0.05
N/A
00060
MS-018
46
28
.452 x .452
0.152
0.05
N/A
00060
MS-018
37
44
.652 x .652
0.152
0.05
N/A
00060
MS-018
26
52
.752 x .752
0.152
0.05
N/A
00060
MS-018
23
68
.952 x .952
0.150
0.05
N/A
00060
MS-018
18
84
1.152 x 1.152
0.150
0.05
N/A
00060
MS-018
15
Rectangular
32
.452 x .552
0.109
0.05
N/A
00061
MS-016
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com