Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L51 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42L51
Description  Low Power, Stereo CODEC with Headphone Amp
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42L51 Datasheet HTML 45Page - Cirrus Logic CS42L51 Datasheet HTML 46Page - Cirrus Logic CS42L51 Datasheet HTML 47Page - Cirrus Logic CS42L51 Datasheet HTML 48Page - Cirrus Logic CS42L51 Datasheet HTML 49Page - Cirrus Logic CS42L51 Datasheet HTML 50Page - Cirrus Logic CS42L51 Datasheet HTML 51Page - Cirrus Logic CS42L51 Datasheet HTML 52Page - Cirrus Logic CS42L51 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
DS679F1
49
CS42L51
6. REGISTER DESCRIPTION
All registers are read/write except for the chip I.D. and Revision Register and Interrupt Status Register which are
read only. See the following bit definition tables for bit assignment information. The default state of each bit after a
power-up sequence or reset is listed in each bit description.
All “Reserved” registers must maintain their default state.
Note:
Certain functions are only available when the “Signal Processing Engine to DAC” option is selected using
the DATA_SEL[1:0] bits, as described in section “DAC Data Selection (DATA_SEL[1:0])” on page 58.
6.1
Chip I.D. and Revision Register (Address 01h) (Read Only)
Chip I.D. (Chip_ID[4:0])
Default: 11011
Function:
I.D. code for the CS42L51. Permanently set to 11011.
Chip Revision (Rev_ID[2:0])
Default: 001
Function:
CS42L51 revision level. Revision B is coded as 001. Revision A is coded as 000.
6.2
Power Control 1 (Address 02h)
Notes:
1.
To activate the power-down sequence for individual channels (A or B,) both channels must first be pow-
ered down either by enabling the PDN bit or by enabling the power-down bits for both channels. En-
abling the power-down bit on an individual channel basis after the CODEC has fully powered up will
mute the selected channel without achieving any power savings.
Recommended channel power-down sequence: 1.) Enable the PDN bit, 2.) enable power-down for the se-
lect channels, 3.) disable the PDN bit.
Power Down DAC X (PDN_DACX)
Default: 0
0 - Disable
1 - Enable
Function:
DAC channel x will either enter a power-down or muted state when this bit is enabled. See Note 1 above.
7
6
5
432
10
Chip_ID4
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID2
Rev_ID1
Rev_ID0
7
6
5
432
10
Reserved
PDN_DACB
PDN_DACA
PDN_PGAB
PDN_PGAA
PDN_ADCB
PDN_ADCA
PDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com