Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L51 Datasheet(PDF) 86 Page - Cirrus Logic

Part # CS42L51
Description  Low Power, Stereo CODEC with Headphone Amp
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51 Datasheet(HTML) 86 Page - Cirrus Logic

Back Button CS42L51 Datasheet HTML 80Page - Cirrus Logic CS42L51 Datasheet HTML 81Page - Cirrus Logic CS42L51 Datasheet HTML 82Page - Cirrus Logic CS42L51 Datasheet HTML 83Page - Cirrus Logic CS42L51 Datasheet HTML 84Page - Cirrus Logic CS42L51 Datasheet HTML 85Page - Cirrus Logic CS42L51 Datasheet HTML 86Page - Cirrus Logic CS42L51 Datasheet HTML 87Page - Cirrus Logic CS42L51 Datasheet HTML 88Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
86
DS679F1
CS42L51
15.REVISION HISTORY
Revision
Changes
A1
Initial Release
A2
Renamed pin 14, FILT1+, to DAC_FILT+ and pin 16, FILT2+, to ADC_FILT+.
Added 1.5 µF capacitor recommendation to figure “Typical Connection Diagram (Software Mode)” on page 10.
Removed the 0.1µF capacitors from pins DAC_FILT+, ADC_FILT+ and VQ on the figures “Typical Connection
Diagram (Software Mode)” on page 10 and “Typical Connection Diagram (Hardware Mode)” on page 11.
Added DAC Isolation specification to “Analog Input Characteristics (Commercial - CNZ)” on page 13 and “Analog
Input Characteristics (Automotive - DNZ)” on page 14.
Corrected specification table “Headphone Output Power Characteristics” on page 19.
Removed td timing specification from table in section “Switching Specifications - Serial Port” on page 20.
Added ts(SDO-SK) and th(SK-SDO) timing specification to table in section “Switching Specifications - Serial Port” on
page 20.
Adjusted timing specifications ts(SD-SK) from 0 ns to 20 ns and th from 50 ns to 20 ns in table in section “Switching
Specifications - Serial Port” on page 20.
Added MIC Bias PSRR specification to “DC Electrical Characteristics” on page 24.
Adjusted specification table “Power Consumption” on page 25.
Removed QSM clock ratios 128, 192, 256, 384 and HSM ratios 128, 192 from Table 3 on page 39.
Modified Digital Mix description in section “Digital Mix (DIGMIX)” on page 53.
Corrected DAC Zero Cross timeout period in section “Zero Cross” on page 59.
Adjusted BEEP off time settings in section “Beep Off Time (OFFTIME[2:0])” on page 63.
Modified BEEP description in section “Beep (BEEP)” on page 64.
Adjusted the minimum settings for the “Noise Gate Boost (NG_BOOST) and Threshold (THRESH[3:0])” on
page 72.
Swapped bits PCMA_OVFL w/PCMB_OVFL and ADCA_OVFL w/ADCB_OVFL in register “Status (Address 20h)
(Read Only)” on page 73.
Corrected Charge Pump Frequency setting in section “Charge Pump Frequency (CHRG_FREQ[3:0])” on
page 74.
Added sections “Headphone THD+N versus Output Power Plots” on page 75 and “ADC_FILT+ Capacitor Effects
on THD+N” on page 78.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com